Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704MF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MF
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6704MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 11Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Information (Continued)
UNITY GAIN COMPENSATION
With a current feedback Selectable Gain Buffer like the
LMH6704, the feedback resistor is a compromise between
the value needed for stability at unity gain and the optimized
value needed at a gain of two. In standard open-loop current
feedback operational amplifiers the feedback resistor, R
F,is
external and its value can be adjusted to match the required
gain. Since the feedback resistor is integrated in the
LMH6704, it is not possible to adjust it’s value. However, we
can employ the circuit shown in Figure 4. This circuit modi-
fies the noise gain of the amplifier to eliminate the peaking
associated with using the circuit shown in Figure 2. The
frequency response is shown in Figure 5. The decreased
peaking does come at a price as the output referred voltage
noise density increases by a factor of 1.1.
OUTPUT VOLTAGE NOISE
Open-loop operational amplifiers specify three input referred
noise parameters: input voltage noise, non-inverting input
current noise, and inverting input current noise. These speci-
fications are used to calculate the total voltage noise pro-
duced at the output of the amplifier. The LMH6704 is a
closed loop amplifier with internal resistors, thus only the
non-inverting input current noise flows through external com-
ponents. All other noise sources are internal to the part.
There are four possible values for the noise at the output
depending on the gain configuration as shown in Table 1. For
more information on calculating noise in current feedback
amplifiers see Application Notes OA-12 and AN104 available
at www.national.com.
The total noise voltage at the output can be calculated using
the following formula:
For example, if an A
V = +2 configuration is used with a
source impedance of 37.5
Ω (parallel combination of 75Ω
source and 75
Ω termination impedances), where “I
BN”is
18.5pA/
and the output referred voltage noise (exclud-
ing non-inverting input noise current) can be found in Table 1
below. The total noise (E
O) at the output can be calculated
as:
TABLE 1. Measured Output Noise Voltage
Gain (A
V)
Output Referred Voltage Noise
(nV/
), excluding non-inverting
noise current
+2
10.5
+1
9.3
+1, alternate
method shown in
Figure 4
10.5
-1
10.5
Note: f
≥ 100 kHz
ENABLE/DISABLE
The LMH6704 has a TTL logic compatible disable function.
Apply a logic low (<.8V) to the DS pin and the LMH6704 is
disabled. Apply a logic high (>2.0V), or let the pin float and
the LMH6704 is enabled. Voltage, not current, at the Disable
pin (DS) determines the enable/disable state. Care must be
exercised to prevent the disable pin voltage from going more
than .8V below the midpoint of the supply voltages (0V with
split supplies, V
+/2 with single supply biasing). Doing so
could cause transistor Q1 to Zener resulting in damage to
the disable circuit (See Figure 6 or the simplified internal
schematic diagram). The core amplifier is unaffected by this,
but the disable operation could become permanently slower
as a result.
Disabled, the LMH6704 inputs and output become high im-
pedances. While disabled the LMH6704 quiescent current is
20103632
FIGURE 5. Unity Gain Frequency Response
20103612
FIGURE 6. DIS Pin Simplified Schematic
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com