Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704MF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MF
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6704MF Datasheet HTML 1Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 2Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 3Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMH6704
650 MHz Selectable Gain Buffer with Disable
General Description
The LMH™6704 is a very wideband, DC coupled selectable
gain buffer designed specifically for wide dynamic range
systems requiring exceptional signal fidelity. The LMH6704
includes on chip feedback and gain set resistors, simplifying
PCB layout while providing user selectable gains of +1, +2
and −1 V/V. The LMH6704 provides a disable pin, which
places the amplifier in a high output impedance, low power
mode. The Disable pin may be allowed to float high.
With a 650 MHz Small Signal Bandwidth (A
V = +1), full
power gain flatness to 200 MHz, and excellent Differential
Gain and Phase, the LMH6704 is optimized for video appli-
cations. High resolution video systems will benefit from the
LMH6704’s ability to drive multiple video loads at low levels
of differential gain or differential phase distortion.
The LMH6704 is constructed with National’s proprietary high
speed complementary bipolar process using National’s
proven current feedback circuit architectures. It is available
in 8-Pin SOIC and 6-Pin SOT23 packages.
Features
n
Wideband operation
—A
V = +1, VO = 0.5 VPP
650 MHz
—A
V = +2, VO = 0.5 VPP
450 MHz
—A
V = +2, VO =2VPP
400 MHz
n
High output current
±90 mA
n
Very low distortion
—2
nd/3rd harmonics (10 MHz, R
L = 100
Ω):
−62/−78
— Differential gain/Differential phase:
0.02%/0.02˚
n
Low noise
2.3nV/
n
High slew rate
3000 V/µs
n
Supply current
11.5 mA
Applications
n
HDTV, NTSC & PAL video systems
n
Video switching and distribution
n
ADC driver
n
DAC buffer
n
RGB driver
n
High speed multiplexer
Connection Diagram
8-Pin SOIC
6-Pin SOT23
20103634
Top View
20103613
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LMH6704MA
LMH6704MA
95 Units Rail
M08A
LMH6704MAX
2.5k Units Tape and Reel
6-Pin SOT23
LMH6704MF
B07A
1k Units Tape and Reel
MF06A
LMH6704MFX
3k Units Tape and Reel
LMH™ is a trademark of National Semiconductor Corporation.
September 2006
© 2006 National Semiconductor Corporation
DS201036
www.national.com


Similar Part No. - LMH6704MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704MF/NOPB TI1-LMH6704MF/NOPB Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
LMH6704MF/NOPB TI2-LMH6704MF/NOPB Datasheet
802Kb / 25P
LMH6704 650 MHz Selectable Gain Buffer with Disable
REVISED MARCH 2013
LMH6704MF/NOPB.A TI2-LMH6704MF/NOPB.A Datasheet
802Kb / 25P
LMH6704 650 MHz Selectable Gain Buffer with Disable
REVISED MARCH 2013
logo
National Semiconductor ...
LMH6704MFNOPB NSC-LMH6704MFNOPB Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
logo
Texas Instruments
LMH6704MFX/NOPB TI1-LMH6704MFX/NOPB Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
More results

Similar Description - LMH6704MF

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com