Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704MF Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MF
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MF Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6704MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 11Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
approximately 250 µA. Because of the pull up resistor on the
disable circuit, the I
CC and IEE currents (positive and nega-
tive supply currents respectively) are not balanced in the
disabled state. The positive supply current (I
CC) is approxi-
mately 350 µA while the negative supply current (I
EE) is only
250 µA. The remaining I
EE current of 100 µA flows through
the disable pin.
The disable function can be used to create analog switches
or multiplexers. Implement a single analog switch with one
LMH6704 positioned between an input and output. Create
an analog multiplexer with several LMH6704’s. Use the cir-
cuit shown in for multiplexer applications because there is no
RG to shunt signals to ground.
EVALUATION BOARDS
National Semiconductor provides the following evaluation
boards as a guide for high frequency layout and as an aid in
device testing and characterization. Many of the datasheet
plots were measured with these boards.
Device
Package
Evaluation Board
Part Number
LMH6704MA
SOIC-8
CLC730227
LMH6704MF
SOT23-6
CLC730216
An evaluation board is shipped upon request when a sample
order is placed with National Semiconductor.
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the
use of a series output resistor R
ISO. Figure 7 shows the use
of a series output resistor, R
ISO, to stabilize the amplifier
output under capacitive loading. Capacitive loads of 5 to 120
pF are the most critical, causing ringing, frequency response
peaking and possible oscillation. The chart “Suggested R
ISO
vs. Cap Load” gives a recommended value for selecting a
series output resistor for mitigating capacitive loads. The
values suggested in the charts are selected for .5 dB or less
of peaking in the frequency response. This gives a good
compromise between settling time and bandwidth. For appli-
cations where maximum frequency response is needed and
some peaking is tolerable, the value of R
ISO can be reduced
slightly from the recommended values.
LAYOUT CONSIDERATIONS
Whenever questions about layout arise, use the evaluation
board as a guide. The CLC730216 is the evaluation board
supplied with samples of the LMH6704. To reduce parasitic
capacitances ground and power planes should be removed
near the input and output pins. For long signal paths con-
trolled impedance lines should be used, along with imped-
ance matching elements at both ends. Bypass capacitors
should be placed as close to the device as possible. Bypass
capacitors from each rail to ground are applied in pairs. The
larger electrolytic bypass capacitors can be located farther
from the device, the smaller ceramic capacitors should be
placed as close to the device as possible. In Figure 1, Figure
2, and Figure 3 C
SS is optional, but is recommended for best
second order harmonic distortion. Another option to using
C
SS is to use pairs of 0.01 µF and 0.1 µF ceramic capacitors
for each supply bypass.
VIDEO PERFORMANCE
The LMH6704 has been designed to provide excellent per-
formance with production quality video signals in a wide
variety of formats such as HDTV and High Resolution VGA.
NTSC and PAL performance is nearly flawless with DG of
0.02% and DP of 0.02˚. Best performance will be obtained
with back terminated loads. The back termination reduces
reflections from the transmission line and effectively masks
transmission line and other parasitic capacitances from the
amplifier output stage. Figure 8 shows a typical configuration
for driving a 75
Ω Cable. The amplifier is configured for a gain
of two to make up for the 6 dB of loss in R
OUT.
POWER DISSIPATION
Follow these steps to determine the Maximum power dissi-
pation for the LMH6704:
1.
Calculate the quiescent (no-load) power:
P
AMP =ICC* (VS), where VS =V
+ -V−
2.
Calculate the RMS power dissipated in the output stage:
P
D (rms) = rms ((VS -VOUT)*IOUT), where VOUT and IOUT
are the voltage and current across the external load and
V
S is the total supply current
3.
Calculate the total RMS power: P
T =PAMP+PD
The maximum power that the LMH6704, package can dissi-
pate at a given temperature can be derived with the following
equation:
20103606
FIGURE 7. Decoupling Capacitive Loads
20103608
FIGURE 8. Typical Video Application
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com