Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 10Page - Linear Technology LTC5100 Datasheet HTML 11Page - Linear Technology LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
LTC5100
14
sn5100 5100fs
FU CTIO AL DIAGRA S
Figure 4. Functional Diagram—Constant Current Control Mode
USER_ADC. Data
USER_ADC. Data
–
+
DAC
+
–
Ib_set
Im nom
Im tc2
Im tc1
Ib tc2
Ib tc1
Ext temp en
T nom
T int adc
T ext
Im gain
Im dac
Im adc
IN+
IN–
VSS
100
Ω
VSS
8
VDD(HS)
2
3
4
1
SDA
EN
16
VDD
6
SCL
7
15
11
10
9
12
∑
DAC
+–
Ib_error
Im_error
Ib nom
Ib gain
Is rng
Im rng
Is dac
Is adc
∑
DAC
ADC
VDD
ADC
ADC
VSS
5100 F04
VSS
VLD
VTERM
IS
IS
MODB
MODA
IM
ADC
+
–
+
–
+
–
14 SRC
13 MD
5
FAULT
Im rng
Is rng
TEMP
COMP
TEMP
COMP
TEMP
SENSOR
(BIAS CURRENT)
+
–
Peaking
+
–
17
VSS (EXPOSED PAD)
ADC
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com