Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology LTC5100 Datasheet HTML 44Page - Linear Technology LTC5100 Datasheet HTML 45Page - Linear Technology LTC5100 Datasheet HTML 46Page - Linear Technology LTC5100 Datasheet HTML 47Page - Linear Technology LTC5100 Datasheet HTML 48Page - Linear Technology LTC5100 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LTC5100
45
sn5100 5100fs
Table 26. Register: IM_ADC—Modulation Current ADC (I2C Command Code 0x06)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:10
.Im_adc
9
0
ADC Reading of the Modulation Current (10-Bit Unsigned Integer)
8
0
Im_adc Contains the Last ADC Conversion of the Average Modulation Current Delivered at the MODA
70
and MODB Pins. (The MODA and MODB Pins are Tied Together On-Chip.) The Peak-to-Peak Current
60
s Twice the Average Current for a Data Stream with 50% Duty Cycle. The Modulation Current
50
Reaching the Laser Depends on its Resistance Relative to the Termination Resistor.
4
0
The Average Physical Current at the MODA and MODB Pins is Given By:
30
20
10
00
REGISTER DEFI ITIO S
Table 27. Register: IS_ADC (IMD_ADC)—Source Current/Monitor Diode Current ADC (I2C Command Code 0x07)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:10
.Is_adc
9
0
ADC Reading of the SRC Pin Current or Monitor Diode Current
(.Imd_adc in
8
0
This Bit Field Has Different Functions Depending on Apc_en.
APC Mode)
70
Constant Current Control (CCC) Mode (Apc_en = 0): Is_adc Contains the Last ADC Conversion of
60
the SRC Pin Current. The Physical SRC Pin Current is Given By:
50
40
30
Automatic Power Control (APC) Mode (Apc_en = 1): Imd_adc Contains the Last ADC Conversion of
20
the Monitor Diode Current. The Physical Monitor Diode Current is Given By:
10
00
I=
ADC_code
1024
S
•( _
)•
(
)
Is rng
mA typical
+ 19
I=
A • 4
MD
Imd_rng
425
8
1024
.
• exp
( )•
_
µ
In
ADC code
Table 28. Register: IS_DAC—Souce Current DAC (I2C Command Code 0x01)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:10
.Is_dac
9
0
DAC Setting for the Source Current (the SRC Pin Current)
8
0
Read Access to This DAC is Always Available. Write Access is Only Valid if LPC_en = 0.
70
60
50
40
30
20
10
00
I=
Is_dac
1024
S
•( _
)•
(
)
Is rng
mA typical
+ 19
I=
ADC_code
1024
M
•(Im_
)•
(
)
rng
mA typical
+ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com