Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 35Page - Linear Technology LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
LTC5100
39
sn5100 5100fs
Table 16. Register: IM_TC1—Laser Modulation Current First Order Temperature Coefficient (I2C Command Code 0x1A)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Im_tc1
7
0
First Order Temperature Coefficient for Modulation Current
6
0
This Bit Field is a Signed 8-Bit, Two’s Complement Integer. Thus its Value Ranges from –128 to 127.
50
Im_tc1 Sets the First Order Temperature Coefficient for the Modulation Current. The Nominal Scaling
40
is 2–13/
°C or 122ppm/°C per LSB.
30
20
10
00
REGISTER DEFI ITIO S
Table 17. Register: IM_TC2—Laser Modulation Current Second Order Temperature Coefficient (I2C Command Code 0x1B)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Im_tc2
7
0
Second Order Temperature Coefficient for Modulation Current
6
0
This Bit Field is a Signed 8-Bit, Two’s Complement Integer. Thus its Value Ranges from –128 to 127.
50
Im_tc2 Sets the Second Order Temperature Coefficient for the Laser Bias Current. The Nominal
40
Scaling is 2–18/
°C2 or 3.81ppm/°C2 per LSB.
30
20
10
00
Table 18. Register: T_EXT—External Temperature (I2C Command Code 0x0D)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:10
.T_ext
9
0
Externally Supplied Temperature for Temperature Compensation Calculations (Unsigned 10-Bit
80
Integer)
7
0
By Convention the Scaling of T_ext is 512K or 239
°C Full Scale, Corresponding to 0.5°C/LSB.
60
However, Any Scaling is Permissible as Long as the Temperature Compensation Coefficients are Also
50
Appropriately Scaled.
4
0
T_ext = (T + 273
°C)/0.5°C, Where T is the External Temperature in Degrees Celsius.
30
20
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com