Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 2 Page - Linear Technology

  LTC5100 Datasheet HTML 1Page - Linear Technology LTC5100 Datasheet HTML 2Page - Linear Technology LTC5100 Datasheet HTML 3Page - Linear Technology LTC5100 Datasheet HTML 4Page - Linear Technology LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
LTC5100
2
sn5100 5100fs
VDD, VDD(HS) ............................................................. 4V
IN+, IN– (Cml_en = 1) (Note 6)
Peak Voltage ........... VDD(HS) – 1.2V to VDD(HS) + 0.3V
Average Voltage...... VDD(HS) – 0.6V to VDD(HS) + 0.3V
IN+, IN– (Cml_en = 0) (Note 4) .. –0.3V to VDD(HS) + 0.3V
Cml_en = 0 (Note 4)
Peak Difference Between IN+ and IN– ..............
±2.5V
Average Difference Between IN+ and IN– .......
±1.25V
MODA, MODB (Transmitter Disabled) .... –0.3V to 2.75V
MODA, MODB
(Transmitter Enabled) ............ VDD(HS) – 2.75V to 2.75V
EN, SDA, SCL, FAULT ..................... –0.3V to VDD + 0.3V
MD, SRC ................................................... –0.3V to VDD
Ambient Operating Temperature Range .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VDD = VDD(HS) = 3.3V, IS = 24mA; IM = 12mA (IMPP = 24mA); 49.9Ω, 1%
resistor from SRC (Pin 14) to MODA (Pin 11); 50
Ω, 1% load AC coupled to MODB (Pin 10); 10nF, 10% capacitor from SRC (Pin 14) to
VSS; Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit in Figure 5.
ORDER PART
NUMBER
UF PART MARKING
5100
LTC5100EUF
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD IS VSS (PIN 17)
MUST BE SOLDERED TO PCB GROUND PLANE
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VSS
IN+
IN –
VSS
VSS
MODA
MODB
VSS
1/16 of Full-Scale IS Current
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD, VDD(HS) Operating Voltage
q
3.135
3.3
3.465
V
VDD + VDD(HS) Quiescent Current,
VDD = 3.465V
Excluding the SRC Pin Current (Note 2)
Transmitter Disabled, Power_down_en = 1
4.5
mA
Transmitter Enabled, Is_rng = Im_rng = 3
54
mA
Impp = 24mA
High Speed Data Inputs (IN+ and IN– Pins) (Test Circuit, Figure 5)
Input Signal Amplitude
Peak-to-Peak Differential Voltage (The Single-
500 to 2400
mVP-P
Ended Peak-to-Peak Voltage is One Half the
Differential Voltage)
Common Mode Input Signal Range (Note 3)
Cml_en = 0 (Note 4)
0
VDD(HS)
V
Differential Input Resistance
80 to 120
Ω
Common Mode Input Resistance
Cml_en = 0 (Note 5)
50
k
Ω
Open-Circuit Voltage
Cml_en = 0 (Note 5)
1.65
V
SRC Pin Current, IS
Full-Scale IS Current
Is_rng = 0
6
9
mA
Is_rng = 1
12
18
mA
Is_rng = 2
18
27
mA
Is_rng = 3
24
36
mA
Minimum Operating Current (Note 7)
Resolution
10
Bits
SRC Pin Voltage Range
1.2
VDD –V
200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com