Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology LTC5100 Datasheet HTML 19Page - Linear Technology LTC5100 Datasheet HTML 20Page - Linear Technology LTC5100 Datasheet HTML 21Page - Linear Technology LTC5100 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
LTC5100
18
sn5100 5100fs
current, IM. The maximum value of IS is given in the
Electrical Characteristics and the value of IM depends on
the laser characteristics and the termination resistor value.
The logic “1” and “0” current levels in the laser are given
by:
II
I
B
MOD
1
2
=+
(4)
II
I
B
MOD
0
2
= –
(5)
OPERATIO
Figure 14. Components of the Laser Bias
and Modulation Currents
0
IB
ITH
IMOD
5100 F14
The power levels corresponding to I1 and I0 are P1 and P0,
as shown in Figure 16.
P1 =
η(I1 – ITH)
(6)
P0 =
η(I0 – ITH)
(7)
where
ηistheslopeefficiencyandIthisthelaserthreshold
current, defined in Figure 16.
The average optical power and extinction ratio are given
by:
P
PP
AVG =
+
10
2
(8)
ER
P
P
=
1
0
(9)
The average voltage on the laser diode relative to ground
is VLD (see Figure 12 and Figure 15). The voltage on the
SRC pin is:
VS = VLD + IS • RT
(10)
= VLD + (IB + IM) • RT
The value VS is important because VS must not exceed the
limits given in the Electrical Characteristics.
VLD
V
I0
IB
ILD
5100 F15
I1
RLD
Figure 15. Approximate VI Curve for a Laser Diode
Figure 16. Approximate LI Curve for a Laser Diode
P1
PAVG
P0
L
I0
ITH
IB
ILD
IMOD
5100 F15
I1
η
The voltage across the termination resistor is:
VTERM = VSRC – VMODA
(11)
= Is • RT
The LTC5100 can digitize the voltage across the termina-
tion resistor using the on-chip ADC, which can give a more
accurate measurement of Is than that given by digitizing
the current internally. See the Electrical Characteristics for
details.
Temperature Compensation
The LTC5100 digitally compensates the temperature drift
of the laser bias current, laser modulation current and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com