Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6915IGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6915IGN Datasheet HTML 3Page - Linear Technology LTC6915IGN Datasheet HTML 4Page - Linear Technology LTC6915IGN Datasheet HTML 5Page - Linear Technology LTC6915IGN Datasheet HTML 6Page - Linear Technology LTC6915IGN Datasheet HTML 7Page - Linear Technology LTC6915IGN Datasheet HTML 8Page - Linear Technology LTC6915IGN Datasheet HTML 9Page - Linear Technology LTC6915IGN Datasheet HTML 10Page - Linear Technology LTC6915IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6915
7
6915f
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT COMMON MODE VOLTAGE (V)
0
10
0
–10
–20
–30
–40
–50
0.5
1.0
1.5
2.0
6915 G07
2.5
3.0
VS = 3V
VREF = 0.2V
R+ = R= RS
CIN < 100pF
AV = 16
TA = 25°C
RS = 5k
RS = 10k
RS = 20k
+
RS
RS
CIN
RS = 15k
INPUT COMMON MODE VOLTAGE (V)
0
0
10
4
6915 G08
–10
–20
1
2
3
5
20
VS = 5V
VREF = 0.2V
R+ = R= RS
CIN < 100pF
AV = 16
TA = 25°C
+
RS
RS
CIN
RS = 15k
RS = 5k
RS = 20k
RS = 10k
INPUT COMMON MODE VOLTAGE (V)
–5
0
10
3
6915 G09
–10
–20
–3
–1
1
5
20
RS = 15k
RS = 5k
RS = 20k
VS = ±5V
VREF = 0V
R+ = R= RS
CIN < 100pF
AV = 16
TA = 25°C
+
RS
RS
CIN
RS = 10k
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
6915 G10
80
60
40
20
0
–20
–40
–60
–80
INPUT COMMON MODE VOLTAGE (V)
0
40
30
20
10
0
–10
–20
–30
–40
4.0
6915 G11
1.0
0.5
1.5
2.5
3.5
4.5
2.0
3.0
5.0
INPUT COMMON MODE VOLTAGE (V)
–5 –4
–2
0
2
4
30
20
10
0
–10
–20
–30
–3
–1
1
3
6915 G12
5
TEMPERATURE (
°C)
–50
15
10
5
0
–5
–10
0
50
75
6915 G13
–25
25
100
125
VS = ±5V
VS = 5V
VS = 3V
VREF (V)
0
4.0
6915 G14
1.0
2.0
3.0
2
–3
–8
–13
–18
0.5
1.5
2.5
3.5
VREF (V)
0
1
357
9
20
10
0
–10
–20
–30
–40
246
8
6915 G15
10
VS = 3V
VREF = 0.2V
CIN < 100pF
AV = 16
TA = 25°C
+
R+
R
CIN
+
R+
R
CIN
+
R+
R
CIN
R+ = 0k, R= 20k
R+ = 20k, R= 0k
R+ = 20k, R= 0k
R+ = 0k, R= 15k
R+ = 15k, R= 0k
VS = 5V
VREF = 0.2V
CIN < 100pF
AV = 16
TA = 25°C
R+ = 0k, R= 20k
R+ = 15k, R= 0k
R+ = 0k, R= 15k
R+ = 20k, R= 0k
VS = ±5V
VREF = 0V
CIN < 100pF
AV = 16
TA = 25°C
R+ = 0k, R= 20k
R+ = 0k, R= 15k
R+ = 15k, R= 0k
VIN+ = VIN= REF
AV = 16
TA = 25°C
VIN+ = VIN= REF
AV = 16
TA = 25°C
VS = 3V
VS = 10V
VS = 5V
Error Due to Input RS vs Input
Common Mode
Error Due to Input RS vs Input
Common Mode
Error Due to Input RS vs Input
Common Mode
Error Due to Input RS Mismatch vs
Input Common Mode
Error Due to Input RS Mismatch vs
Input Common Mode
Error Due to Input RS Mismatch vs
Input Common Mode
Offset Voltage vs Temperature
VOS vs REF (Pin 13)
VOS vs REF (Pin 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com