Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6915IGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6915IGN Datasheet HTML 4Page - Linear Technology LTC6915IGN Datasheet HTML 5Page - Linear Technology LTC6915IGN Datasheet HTML 6Page - Linear Technology LTC6915IGN Datasheet HTML 7Page - Linear Technology LTC6915IGN Datasheet HTML 8Page - Linear Technology LTC6915IGN Datasheet HTML 9Page - Linear Technology LTC6915IGN Datasheet HTML 10Page - Linear Technology LTC6915IGN Datasheet HTML 11Page - Linear Technology LTC6915IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6915
8
6915f
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1
130
120
110
100
90
80
70
10
100
1000
6915 G18
VS = 3V, 5V, ±5V
VIN = 1VP-P
R+ = R= 1k
R+ = R= 10k
R+ = 10k, R= 0k
+
R+
R
R+ = 0k, R= 10k
FREQUENCY (Hz)
1
300
250
200
150
100
50
0
10
100
1000
10000
6915 G19
AV = 16
TA = 25°C
VS = ±5V
VS = 5V
VS = 3V
TIME (s)
0
3
2
1
0
–1
–2
–3
246
8
6915 G20
10
VS = 3V
TA = 25°C
TIME (s)
0
3
2
1
0
–1
–2
–3
246
8
6915 G21
10
VS = 5V
TA = 25°C
OUTPUT CURRENT (mA)
0.01
0.1
110
6915 G22
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
VS = 5V, SOURCING
VS = 3V, SOURCING
VS = 5V, SINKING
VS = 3V, SINKING
SOURCING
SINKING
OUTPUT CURRENT (mA)
0.01
0.1
110
6915 G23
5
4
3
2
1
0
–1
–2
–3
–4
–5
VS = ±5V
TA = 25°C
SETTLING ACCURACY (%)
0.0001
6915 G24
0.001
0.01
0.1
8
7
6
5
4
3
2
1
0
VS = 5V
dVOUT = 1V
G
≤ 100
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
5
4
3
2
1
0
–1
–2
–3
–4
–5
–1.2
0
0.6
6915 G16
–1.8
–0.6
1.2
1.8
2.4
SUPPLY VOLTAGE (V)
2.5
8.5
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
6915 G17
3.5
11.5
4.5 5.5 6.5 7.5
9.5 10.5
VS = ±2.5V
VCM = VREF = 0V
RL = 10k
AV = 1
TA = 25°C
TA = –50°C
TA = 125°C
TA = 85°C
TA = 0°C
Gain Nonlinearity at Gain = 1
(Gain Nonlinearity Decreases for
Gain > 1)
Supply Current vs Supply Voltage
CMRR vs Frequency
Input Voltage Noise Density
vs Frequency
Input Referred Noise in
10Hz Bandwidth
Input Referred Noise in
10Hz Bandwidth
Output Voltage Swing vs
Output Current
Output Voltage Swing vs
Output Current
Low Gain Settling Time vs
Settling Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com