Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6915IGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6915IGN Datasheet HTML 8Page - Linear Technology LTC6915IGN Datasheet HTML 9Page - Linear Technology LTC6915IGN Datasheet HTML 10Page - Linear Technology LTC6915IGN Datasheet HTML 11Page - Linear Technology LTC6915IGN Datasheet HTML 12Page - Linear Technology LTC6915IGN Datasheet HTML 13Page - Linear Technology LTC6915IGN Datasheet HTML 14Page - Linear Technology LTC6915IGN Datasheet HTML 15Page - Linear Technology LTC6915IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6915
16
6915f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0204 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1043
Dual Precision Instrumentation Switched-Capacitor
Rail-to-Rail Input, 120dB CMRR
Building Block
LTC1100
Precision Zero-Drift Instrumentation Amplifier
Fixed Gains of 10 or 100, 10
µV Offset, 50pA Input Bias Current
LTC1101
Precision, Micropower, Single Supply
Fixed Gain of 10 or 100, IS < 105µA
Instrumentation Amplifier
LTC1167
Single Resistor Gain Programmable,
Single Gains Set Resistor, G = 1 to 10,000
Precision Instrumentation Amplifier
Low Noise: 7.5nV/
√Hz
LTC1168
Low Power Single Resistor Gain Programmable,
IS = 530µA
Precision Instrumentation Amplifiers
LTC1789-1
Single Supply, Rail-to-Rail Output,
IS = 80µA Max
Micropower Instrumentation Amplifier
LTC2050
Zero-Drift Operational Amplifier
SOT-23 Package
LTC2051
Dual Zero-Drift Operational Amplifier
MS8 Package
LTC2052
Quad Zero-Drift Operational Amplifier
GN16 Package
LTC2053
Rail-to-Rail Input and Output, Zero-Drift Instrumentation
MS8 Package, 10
µV Max VOS, 50nV/°C Max Drift
Amplifier with Resistor-Programmable Gain
LTC6800
Rail-to-Rail Input and Output, Instrumentation Amplifier
MS8 Package, 100
µV Max VOS, 250nV/°C Max Drift
with Resistor-Programmable Gain
SHDN
IN
IN+
V
HOLD_THRU
CS(D0)
DIN(D1)
CLK(D2)
1
2
3
4
5
6
7
8
2
3
4
5
SDO
SCK
CS
FO
8
9
7
10
REF+
REF
IN+
IN
16
15
14
13
12
11
10
9
V+
OUT
SENSE
REF
NC
PAR_SER
DGND
DOUT(D3)
LTC6915
C5
0.1
µF
C2
0.1
µF
C1
0.1
µF
0V
MEASURE
STANDBY
V+
V+
V+
V+
V+
CONTROL SIGNAL
10k
16
15
14
13
12
28
VSS
VSS
819
BRIDGE
SENSOR
R < 10K
20
10k
LT1790-1.25
VIN
VOUT
GND1
GND2
C3
0.1
µF
C3
1
µF
ZETEK
ZXM61P02F
6
4
12
VCC
GND
LTC2431
MOSI
MISO
SCLK
CS1
CS2
RC5/SDO
RC4/SDI/SDA
RC3/SCK/SCL
RC2/CCP1
RC1/T1OSI/CCP2
RB7
RAS/AN4/SS
RA4/T0CLK1
VDD
PIC16LF73
1.25V
6915 F07
6
1
7
6
X1
4MHz
9
10
1
V+
OSC1/
CLKIN
OSC2/
CLKOUT
MCLR/
VPP
Figure 7. Bridge Amplifier with Programmable Gain and Analog to Digital Conversion.
(Standby Current Less than 100
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com