Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6915IGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6915IGN Datasheet HTML 8Page - Linear Technology LTC6915IGN Datasheet HTML 9Page - Linear Technology LTC6915IGN Datasheet HTML 10Page - Linear Technology LTC6915IGN Datasheet HTML 11Page - Linear Technology LTC6915IGN Datasheet HTML 12Page - Linear Technology LTC6915IGN Datasheet HTML 13Page - Linear Technology LTC6915IGN Datasheet HTML 14Page - Linear Technology LTC6915IGN Datasheet HTML 15Page - Linear Technology LTC6915IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6915
13
6915f
SHDN
IN
IN+
V
HOLD_THRU
CS(D0)
DIN(D1)
CLK(D2)
V+
OUT
SENSE
REF
NC
P/S
DGND
DOUT(D3)
LTC6915
#2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
DOUT
VIN
0.1
µF
SHDN
IN
IN+
V
HOLD_THRU
CS(D0)
DIN(D1)
CLK(D2)
V+
OUT
SENSE
REF
NC
P/S
DGND
DOUT(D3)
LTC6915
#1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
VIN
0.1
µF
0.1
µF
0.1
µF
0.1
µF
µP
–5V
–5V
–5V
0.1
µF
–5V
6915 F04
CS
DIN
CLK
CLK
DIN
CS/LD
D15
D11
D10
D9
D8
D7
D3
D2
D1
D0
GAIN CODE FOR #2
GAIN CODE FOR #1
Figure 4. 2 PGAs in a Daisy Chain
OPERATIO
The amplifier’s gain is set as follows:
D3, D2, D1, D0
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101~
1111
Gain
01248
16
32
64
128
256
512
1024
2048
4096
Input Voltage Range
The input common mode voltage range of the LTC6915 is
rail-to-rail. However, the following equation limits the size
of the differential input voltage:
V
≤ (VIN+ – VIN) + VREF ≤ V+ – 1.3
Where VIN+ and VIN– are the voltage of the differential input
pins, V+ and Vare the positive and negative supply
voltages respectively and VREF is the voltage of REF pin. In
addition, VIN+ and VIN– must not exceed the power supply
voltages, i.e.,
V< VIN+ < V+ and V< VIN< V+
±5 Volt Operation
When using the LTC6915 with supplies over 5.5V, care
must be taken to limit the maximum difference between
any of the input pins (IN+ or IN) and the REF pin to 5.5V,
i.e.,
|VIN+ – VREF| < 5.5 and |VIN– VREF| < 5.5
If not, the device will be damaged. For example, if rail-to-
rail input operation is desired when the supplies are at
±5V,
the REF pin should be 0,
±0.5V.Asasecondexample,ifthe
V+ pin is 10V, and the Vand REF pins are at 0, the inputs
should not exceed 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com