Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6915IGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC6915IGN Datasheet HTML 1Page - Linear Technology LTC6915IGN Datasheet HTML 2Page - Linear Technology LTC6915IGN Datasheet HTML 3Page - Linear Technology LTC6915IGN Datasheet HTML 4Page - Linear Technology LTC6915IGN Datasheet HTML 5Page - Linear Technology LTC6915IGN Datasheet HTML 6Page - Linear Technology LTC6915IGN Datasheet HTML 7Page - Linear Technology LTC6915IGN Datasheet HTML 8Page - Linear Technology LTC6915IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6915
4
6915f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+ = 5V, V= 0V, VREF = 200mV
Supply Current, Parallel Mode
No Load at OUT, VCM = 200mV
q
0.95
1.48
mA
Supply Current, Serial Mode (Note 6)
No Load at OUT, Capacitive Load at
q
1.4
2
mA
DOUT (CL) = 15pF, Continuous CLK
Frequency = 4MHz, CS = LOW,
Gain Control Code = 0001
Supply Current, Shutdown
VSHDN = 4.5V (Hardware Shutdown)
q
210
µA
VSHDN = 1V, Gain Control Code = 0000
q
135
200
µA
(Software Shutdown)
SHDN Input High
q
4.5
V
SHDN Input Low
q
1V
SHDN and HOLD_THRU Input Current (Note 2)
q
5
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/
µs
Internal Sampling Frequency
3
kHz
V+ = 5V, V= –5V, VREF = 0V
Gain Error (Note 2)
AV = 1 (RL = 10k)
q
–0.075
0
0.075
%
Gain Error (Note 2)
AV = 2 to 32 (RL = 10k)
q
–0.5
0
0.5
%
Gain Error (Note 2)
AV = 64 to 1024 (RL = 10k)
q
–0.6
–0.1
0.6
%
Gain Error (Note 2)
AV = 2048, 4096 (RL = 10k)
q
–1
–0.2
1
%
Gain Nonlinearity
AV = 1
q
3
15
ppm
VOS
Input Offset Voltage (Note 3)
VCM = 0mV
5
±20
nV
Average Input Offset Drift (Note 3)
TA = –40°C to 85°C
q
±50
nV/
°C
TA = 85°C to 125°C
q
±100
nV/
°C
IOS
Average Input Bias Current (Note 4)
VCM = 1V
q
410
nA
Average Input Offset Current (Note 4)
VCM = 1V
q
1.5
3
nA
CMRR
Common Mode Rejection Ratio
AV = 1024, VCM = –5V to 5V, LTC6915C
q
105
123
dB
AV = 1024, VCM = –4.9V to 4.9V, LTC6915I
q
105
123
dB
AV = 1024, VCM = –5V to 5V, LTC6915I
q
100
123
dB
AV = 1024, VCM = –4.9V to 4.9V, LTC6915H
q
100
dB
AV = 1024, VCM = –5V to 4.97V, LTC6915H
q
90
dB
PSRR
Power Supply Rejection Ratio (Note 5)
VS = 2.7V to 11V
q
110
116
dB
Output Voltage Swing High
Sourcing 200
µA
q
4.97
4.99
V
Sourcing 2mA
q
4.90
4.96
V
Output Voltage Swing Low
Sinking 200
µA
q
–4.98
–4.92
mV
Sinking 2mA
q
–4.90
–4.70
mV
Supply Current, Parallel Mode
No Load, VCM = 200mV
q
1.1
1.6
mA
Supply Current, Serial Mode (Note 6)
No Load at OUT, Capacitive Load at
q
1.73
2.48
mA
DOUT (CL) = 15pF, Continuous CLK
Frequency = 4MHz, CS = LOW,
Gain Control Code = 0001
Supply Current, Shutdown
VSHDN = 4V (Hardware Shutdown)
q
25
µA
VSHDN = 1V, Gain Control Code = 0000
q
160
240
µA
(Software Shutdown )
SHDN Input High
q
4V
SHDN Input Low
q
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com