Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices AD7293 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 32 of 78
REGISTERS COMMON TO ALL PAGES
A number of registers is common to all pages. The register
function is the same for all pages.
No Op Register (Register 0x00)
The no op register does not physically exist and this address
space is reserved to prevent any writes to the device when the
input data line is held low.
Page Select Pointer Register (Register 0x01)
This 8-bit pointer register selects the page that the user is trying
to access. A read of this register indicates the page the user is
currently pointing to. The two MSBs are reserved and the six
LSBs can be written to select any of the pages.
Conversion Command (Register 0x02)
The conversion command register is a special 8-bit register used
to initiate a conversion. To command a conversion, write the
command register address to the device with the MSB read bit
set. When the device address pointer register receives a special
conversion command, the previous contents of the address pointer
are retained and used to determine which channel to convert. If
pointing to the sequence register, the next channel in the sequence
converts.
Result Register (Register 0x03)
The 16-bit, read only ADC data register provides read access to
the most recent ADC conversion result in command mode.
Otherwise, it is necessary for the application software to keep
track of what channel was converted.
DAC Enable Register (Register 0x04)
This 8-bit register enables the DACs. See Table 20.
GPIO Register (Register 0x05)
This 8-bit register configures the GPIOs in the device. In GPIO
mode, and with the output drivers enabled, the GPIO outputs
reflect the value written to this register. In functional mode, any
write to this register has no effect on the GPIO outputs. The status
(high/low) of the GPIO pins can be read back by reading this
register (both in functional and GPIO modes). See Table 21.
Device ID Register (Register 0x0C)
This 16-bit read-only register stores the Device ID assigned to
Analog Devices, Inc. See Table 22 for more information.
Software Reset Register (Register 0x0F)
To issue a software reset write a specific value, 0x7293, to this
16-bit register and pull CS high. The user must write 0x0000 to
this register to clear it following the software reset. See Table 23.
Table 20. DAC Enable Register
Bit Number(s)
Bit Name
Description
D7
BI-VOUT3
0: disable.
1: enable.
D6
BI-VOUT2
0: disable.
1: enable.
D5
BI-VOUT1
0: disable.
1: enable.
D4
BI-VOUT0
0: disable.
1: enable.
D3
UNI-VOUT3
0: disable.
1: enable.
D2
UNI-VOUT2
0: disable.
1: enable.
D1
UNI-VOUT1
0: disable.
1: enable.
D0
UNI-VOUT0
0: disable.
1: enable.
Table 21. GPIO Register
Bit Number(s)
Bit Name
Description
D7
GPIO7
0: disable.
1: enable.
D6
GPIO6
0: disable.
1: enable.
D5
GPIO5
0: disable.
1: enable.
D4
GPIO4
0: disable.
1: enable.
D3
GPIO3
0: disable.
1: enable.
D2
GPIO2
0: disable.
1: enable.
D1
GPIO1
0: disable.
1: enable.
D0
GPIO0
0: disable.
1: enable.
Table 22. Device ID Register
Bit Number(s)
Bit Name
Description
[15:0]
ID register
Analog Devices,
Device ID = 0x0018
Table 23. Software Reset Register
Bit Number(s)
Bit Name
Description
[15:0]
Reset register
Software reset =
0x7293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com