Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7293 Datasheet HTML 17Page - Analog Devices AD7293 Datasheet HTML 18Page - Analog Devices AD7293 Datasheet HTML 19Page - Analog Devices AD7293 Datasheet HTML 20Page - Analog Devices AD7293 Datasheet HTML 21Page - Analog Devices AD7293 Datasheet HTML 22Page - Analog Devices AD7293 Datasheet HTML 23Page - Analog Devices AD7293 Datasheet HTML 24Page - Analog Devices AD7293 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 21 of 78
THEORY OF OPERATION
ANALOG-TO-DIGITAL CONVERTER (ADC)
OVERVIEW
The AD7293 provides the user with a multichannel multiplexer,
an on-chip track-and-hold, and a successive approximation
ADC based around a capacitive DAC. The analog input range
for the ADC is selectable as a 0 V to REFADC, 0 V to 2 × REFADC,
or 0 V to 4 × REFADC input single-ended input, where REFADC =
1.25 V.
The various monitored and uncommitted input signals are
multiplexed into the ADC. The AD7293 has four uncommitted
analog input channels, VIN0 to VIN3.
ADC TRANSFER FUNCTIONS
The designed code transitions occur at successive integer least
significant bit (LSB) values (1 LSB, 2 × LSB, and so on). The
reference voltage for the ADC is referred from the main 2.5 V
reference through an amplifier that attenuates the voltage by
one half. REFADC = 1.25 V.
In single-ended mode, the LSB size is REFADC/4096 when the
0 V to REFADC range is selected, 2 × REFADC/4096 when the 0 V
to 2 × REFADC range is selected, and 4 × REFADC/4096 when the
0 V to 4 × REFADC range is selected (which is the default value).
Figure 35 shows the ideal transfer characteristic for the ADC
when outputting straight binary coding.
Figure 35. Single-Ended Transfer Characteristics
In differential mode, the LSB size is 2 × REFADC/4096 when the
0 V to REFADC range is selected, 4 × REFADC/4096 when the 0 V to
2 × REFADC range is selected, and 8 × REFADC/4096 when the 0 V
to 4 × REFADC range is selected. Figure 36 shows the ideal transfer
characteristic for the ADC when outputting differential coding
(with the 2 × REFADC range).
Figure 36. Differential Transfer Characteristics
Table 12. Code Transition and Voltage
Code
Transition
Single-Ended
Voltage (VIN)
Differential Voltage
(VIN+ − VIN−)
0x000 to 0x001
REFADC × Range/4096
−REFADC × Range ×
2047/2048
0x7FF to 0x800
REFADC × Range/2
0 V
0xFFE to 0xFFF
REFADC × Range ×
4095/4096
+REFADC × Range ×
2047/2048
For VIN0 to VIN3 in single-ended mode, the output code is
straight binary, and the ideal input voltage is given by
VIN = ((Code + 0.5)/ 4096) × REFADC × Range
The differential code is shown in Table 12, and the associated
voltage is calculated by
VIN+ − VIN− = ((Code − 2047.5)/2048) × REFADC × Range
where:
Code is the decimal equivalent of the binary code read from the
ADC register.
REFADC = 1.25 V.
Range = 1 when in the 0 V to REFADC range.
Range = 2 when in the 0 V to 2 × REFADC range.
Range = 4 when in the 0 V to 4 × REFADC range.
Table 13. ADC Range Selected vs. LSB Size
Range
Value
Single-Ended
ADC LSB
Differential
ADC LSB
00
4 × REFADC1
4 × REFADC/4096
8 × REFADC/4096
01
2 × REFADC1
2 × REFADC/4096
4 × REFADC/4096
10
2 × REFADC1
2 × REFADC/4096
4 × REFADC/4096
11
REFADC1
REFADC/4096
2 × REFADC/4096
1
REFADC = 1.25 V.
000...000
111...111
1LSB
REFADC – 1LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
1LSB = REFADC/4096
NOTES
1.REFADC IS REFADC, 2 × REFADC, OR 4 × REFADC.
ANALOG INPUT
100...000
011...111
REFADC – 1LSB
0
–REFADC + 1LSB
100...001
100...010
011...110
000...001
000...000
111...111
1LSB = 2 × REFADC/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com