Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7293 Datasheet HTML 9Page - Analog Devices AD7293 Datasheet HTML 10Page - Analog Devices AD7293 Datasheet HTML 11Page - Analog Devices AD7293 Datasheet HTML 12Page - Analog Devices AD7293 Datasheet HTML 13Page - Analog Devices AD7293 Datasheet HTML 14Page - Analog Devices AD7293 Datasheet HTML 15Page - Analog Devices AD7293 Datasheet HTML 16Page - Analog Devices AD7293 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 13 of 78
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 7. Pin Configuration
Table 11. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
FACTORY TEST
Factory Test Pin. Leave this pin unconnected, or connect it to DGND.
2
GPIO4/ALERT1
General-Purpose Input/Output 4 Pin (GPIO4, Default as Input).
Alert 1 Pin (ALERT1, Default). When configured as an alert, this pin acts as an out of range
indicator. The polarity of the pin is register selectable. This pin is an open-drain output, and
requires a pull-up resistor connected to VDRIVE.
3
GPIO5/SLEEP0
General-Purpose Input/Output 5 Pin (GPIO5, Default as Input).
Sleep 0 Pin (SLEEP0). DAC power-down digital input pin (polarity is register selectable). This
pin can be configured to trigger DAC clamping on any combination of DAC channels.
4
GPIO6/SLEEP1
General-Purpose Input/Output 6 Pin (GPIO6).
Sleep 1 Pin (SLEEP1, Default). DAC power-down digital input pin (polarity is register
selectable). This pin can be configured to trigger DAC clamping on any combination of DAC
channels.
5
RESET
Reset Input. Taking this pin low performs a hardware reset.
6
GPIO7/LDAC
General-Purpose Input/Output 7 Pin (GPIO7).
DAC Load Pin (LDAC, Default). When this input is active, the DAC registers are updated. The
polarity of this pin is register selectable. See the Load DAC (LDAC Pin) section for more
information.
7
SCLK
SPI Serial Clock Input.
8
CS
Chip Select Signal. This active low, logic input signal frames the serial data input.
9
DIN
SPI Serial Data Input. The serial data loaded into the registers is provided on this pin. Data is
clocked into the device on the rising edge of SCLK.
10
DOUT
SPI Serial Data Output. The serial data read from the registers is provided on this pin. Data is
clocked out on the falling edge of SCLK. DOUT is high impedance when it is not outputting
data.
11
DGND
Digital Ground. DGND is the ground reference point for all digital circuitry. Refer all digital
signals to DGND. Connect both the DGND and AGND pins to the ground plane of the system.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
FACTORY TEST
GPIO4/ALERT1
GPIO5/SLEEP0
GPIO6/SLEEP1
RESET
GPIO7/LDAC
SCLK
CS
DIN
DOUT
DGND
VDRIVE
DVDD
DACVDD-UNI
REFADC
PAVDD
PA_ON
RS0+
RS0–
RS1+
RS1–
AGND
RS2+
RS2–
RS3+
RS3–
VCLAMP0
VCLAMP1
42
41
40
39
38
37
36
35
34
33
32
31
30
29
TOP VIEW
(Not to Scale)
AD7293
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS LOCATED ON THE UNDERSIDE OF THE
PACKAGE. CONNECT THE EXPOSED PAD TO AVSS USING MULTIPLE VIAS OR
LEAVE IT FLOATING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com