Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 29 of 78
If a conversion result exceeds the high or low limit set in the
alert limits register, the AD7293 signals an alert in one or more
of the following ways:
•
Via hardware using the GPIO3/ALERT0 and
GPIO4/ALERT1 pins
•
Via software using the alert bits or registers on the alert
page (Page 0x10).
ALERTx Pins
Two pins can be configured as ALERTx pins. On power-up,
Pin 2 (GPIO4/ALERT1) is configured as an alert whereas
Pin 53 is configured as a GPIO (GPIO3/ALERT0). When these
pins are configured as ALERTx pins, any combination of high
and low alerts on any of the ADC channels can route to these
pins. The polarity of the alert output pins can be set to active
high or active low via the digital function polarity register on
the configuration page.
If an alert pin signals an alert event and the contents of the alert
flags registers are not read before the next conversion is completed,
the contents of the register may change if the out of range signal
returns to the specified range. In this case, the ALERT0 or
ALERT1 pin no longer signals the occurrence of an alert event.
Software Alerts Page
The alert summary register (Register 0x10) contains a summary of
alerts for the voltage, temperature sensor, current sensor, and
other monitoring inputs that have violated limits. See the Alert
Summary (ALERTSUM) Register (Register 0x10) section.
To gather more detailed information, the remaining registers
contain two individual status bits per channel: one corresponding
to the high limit and the other corresponding to the low limit.
A bit with a status of one shows the channel on which the
violation occurred and whether the violation occurred on the
high or low limit.
Figure 49. Software Alerts Page
GPIO0 to GPIO3 Routing to ALERT1
A bit in the general register allows the GPIO0 to GPIO3 status
to route to the ALERT1 pin. Set GPIO0 to GPIO3 up as inputs
(bit set to 0 in the digital output enable register). If the GPIO is
read as 1, this read appears on ALERT1, and the GPIO register
can be read for the status of the pin to detect which pin has
caused ALERT1 to become active.
D11
D10
D9
D8
D3
D2
D1
D0
D11
D10
D9
D8
D3
D2
D1
D0
D10
D9
D8
D2
D1
D0
D11
D10
D9
D8
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALERT
FLAG
OR
D9
D8
D2
D1
D0
VIN
ALERT
REGISTER
TSENSE
ALERT
REGISTER
ISENSE
ALERT
REGISTER
SUPPLY
AND
BI-VOUTxMON
ALERT
REGISTER
RSx+MON
ALERT
REGISTER
INTLIMIT AND
AVSS/AVDD
ALERT
REGISTER
VIN3 HIGH ALERT
VIN2 HIGH ALERT
VIN1 HIGH ALERT
VIN0 HIGH ALERT
VIN3 LOW ALERT
VIN2 LOW ALERT
VIN1 LOW ALERT
VIN0 LOW ALERT
TSENSED1 HIGH ALERT
TSENSED0 HIGH ALERT
TSENSEINT HIGH ALERT
TSENSED1 LOW ALERT
TSENSED0 HIGH ALERT
TSENSEINT LOW ALERT
ISENSE3 HIGH ALERT
ISENSE2 HIGH ALERT
ISENSE1 HIGH ALERT
ISENSE0 HIGH ALERT
ISENSE3 LOW ALERT
ISENSE2 LOW ALERT
ISENSE1 LOW ALERT
ISENSE0 LOW ALERT
BI-VOUT3MON HIGH ALERT
BI-VOUT2MON HIGH ALERT
BI-VOUT1MON HIGH ALERT
BI-VOUT0MON HIGH ALERT
BI-VOUT3MON LOW ALERT
BI-VOUT2MON LOW ALERT
BI-VOUT1MON LOW ALERT
BI-VOUT0MON LOW ALERT
AVSS LOW ALERT
AVDD LOW ALERT
AVSS HIGH ALERT
DACVDD-BI HIGH ALERT
DACVDD-UNI HIGH ALERT
DACVDD-BI LOW ALERT
DACVDD-UNI LOW ALERT
RS3+MON HIGH ALERT
RS2+MON HIGH ALERT
RS1+MON HIGH ALERT
RS0+MON HIGH ALERT
RS3+MON LOW ALERT
RS2+MON LOW ALERT
RS1+MON LOW ALERT
RS0+MON LOW ALERT
INTLIMIT3 HIGH ALERT
INTLIMIT2 HIGH ALERT
INTLIMIT1 HIGH ALERT
INTLIMIT0 HIGH ALERT
AVSS/AVDD ALARM
AVDD HIGH ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com