Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7293 Datasheet HTML 12Page - Analog Devices AD7293 Datasheet HTML 13Page - Analog Devices AD7293 Datasheet HTML 14Page - Analog Devices AD7293 Datasheet HTML 15Page - Analog Devices AD7293 Datasheet HTML 16Page - Analog Devices AD7293 Datasheet HTML 17Page - Analog Devices AD7293 Datasheet HTML 18Page - Analog Devices AD7293 Datasheet HTML 19Page - Analog Devices AD7293 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 16 of 78
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Signal-to-Noise Ratio, Single-Ended Input, 2 × REFADC Range
Figure 9. Signal-to-Noise Ratio, Differential Input, REFADC Range
Figure 10. ADC DNL Single-Ended, REFADC Range
Figure 11. ADC INL Single-Ended, REFADC Range
Figure 12. ADC Zero Code Error vs. Temperature
Figure 13. ADC Full-Scale Error vs. Temperature
0
–180
–160
–120
–140
–100
–80
–60
–40
–20
0
60
50
40
30
20
10
FREQUENCY (kHz)
NONCOHERENT SAMPLING
SEVEN-TERM BLACKMAN-HARRIS WINDOW USED
M = 131072 SAMPLES
fS = 131.072kHz
fIN = 1.005kHz
SNR = 72.6366dB
THD = –91.63dB
fIN = 1.005kHz
0
–180
–160
–120
–140
–100
–80
–60
–40
–20
0
60
50
40
30
20
10
FREQUENCY (kHz)
NONCOHERENT SAMPLING
SEVEN-TERM BLACKMAN-HARRIS WINDOW USED
M = 131072 SAMPLES
fS = 131.072kHz
fIN = 1.005kHz
SNR = 73.5961dB
THD = –90.23dB
fIN = 1.005kHz
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
M = 131072 SAMPLES
fS = 131.072kHz
fIN = 1.005kHz
RUNS = 20
EFFECTIVE SAMPLES = 2621440
HITS/CODE = 640
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
M = 131072 SAMPLES
fS = 131.072kHz
fIN = 1.005kHz
RUNS = 20
EFFECTIVE SAMPLES = 2621440
HITS/CODE = 640
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
–40
120
140
100
80
60
40
20
0
–20
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com