Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 45Page - Analog Devices AD7293BCPZ Datasheet HTML 46Page - Analog Devices AD7293BCPZ Datasheet HTML 47Page - Analog Devices AD7293BCPZ Datasheet HTML 48Page - Analog Devices AD7293BCPZ Datasheet HTML 49Page - Analog Devices AD7293BCPZ Datasheet HTML 50Page - Analog Devices AD7293BCPZ Datasheet HTML 51Page - Analog Devices AD7293BCPZ Datasheet HTML 52Page - Analog Devices AD7293BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 49 of 78
LOW LIMIT 0 (PAGE 0x06)
Table 61. Low Limit 0 (Page 0x06)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
VIN0 low limit
2
R/W
0x0000
0x11
VIN1 low limit
2
R/W
0x0000
0x12
VIN2 low limit
2
R/W
0x0000
0x13
VIN3 low limit
2
R/W
0x0000
0x20
TSENSEINT low limit
2
R/W
0x0000
0x21
TSENSED0 low limit
2
R/W
0x0000
0x22
TSENSED1 low limit
2
R/W
0x0000
0x28
ISENSE0 low limit
2
R/W
0x0000
0x29
ISENSE1 low limit
2
R/W
0x0000
0x2A
ISENSE2 low limit
2
R/W
0x0000
0x2B
ISENSE3 low limit
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
VINx Low Limit Registers (Register 0x10 to Register 0x13)
These read/write 16-bit registers set the low limits for the four
input channels.
Temperature Sensor (TSENSEx) Low Limit Registers
(Register 0x20 to Register 0x22)
These read/write 16-bit registers set the low limits for the three
temperature sensor channels.
Table 62. Temperature Sensor Low Limit Registers
(Register 0x20 to Register 0x22)
Bit Number(s)
Bit Name
Description
D15
B11
0: −256°C (default)
1: 0°C
D14
B10
0: 0°C (default)
1: 128°C
D13
B9
0: 0°C (default)
1: 64°C
D12
B8
0: 0°C (default)
1: 32°C
D11
B7
0: 0°C (default)
1: 16°C
D10
B6
0: 0°C (default)
1: 8°C
D9
B5
0: 0°C (default)
1: 4°C
D8
B4
0: 0°C (default)
1: 2°C
D7
B3
0: 0°C (default)
1: 1°C
D6
B2
0: 0°C (default)
1: 0.5°C
D5
B1
0: 0°C (default)
1: 0.25°C
D4
B0
0: 0°C (default)
1: 0.125°C
[D3:D0]
Reserved
Reserved
Current Sensor (ISENSEx) Low Limit Registers (Register 0x28
to Register 0x2B)
These read/write 16-bit registers set the low limits for the four
current sensor channels.
Table 63. VINx and Current Sensor Low Limit Registers (Register 0x10 to Register 0x13, and Register 0x28 to Register 0x2B)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D0]
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com