Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 3Page - Analog Devices AD7293BCPZ Datasheet HTML 4Page - Analog Devices AD7293BCPZ Datasheet HTML 5Page - Analog Devices AD7293BCPZ Datasheet HTML 6Page - Analog Devices AD7293BCPZ Datasheet HTML 7Page - Analog Devices AD7293BCPZ Datasheet HTML 8Page - Analog Devices AD7293BCPZ Datasheet HTML 9Page - Analog Devices AD7293BCPZ Datasheet HTML 10Page - Analog Devices AD7293BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 7 of 78
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Unipolar DAC Short-Circuit Current
40
mA
Shorted to AGND or DACVDD-UNI
Bipolar DAC Short-Circuit Current
42
mA
Shorted to AVSS or DACVDD-BI
Load Current2
−10
+10
mA
Source and/or sink within 300 mV of supply
Capacitive Load Stability
10
nF
RL = ∞
DC Output Impedance
1
Ω
Midscale
AC CHARACTERISTICS
Output Voltage Settling Time2
1.2
1.3
µs
¼ to ¾ change within ±1 LSB, measured from
the last SCLK rising edge, CL = 200 pF
Slew Rate2
7.5
V/µs
Digital Feedthrough2
0.1
nV-sec
DAC to DAC Crosstalk2, 3
0.2
nV-sec
Output Noise Spectral Density2, 3
55
nV/√Hz
fIN = 10 kHz, bipolar
110
nV/√Hz
fIN = 10 kHz, unipolar
Output Noise2, 3
102
µV p-p
Bipolar
135
µV p-p
Unipolar
CLAMP INPUTS
Controlled by SLEEP0 and SLEEP1 digital pins
Clamp Output Voltage2
−3 ×
VCLAMP0,
VCLAMP1
V
BI-VOUTx = −3 × VCLAMP0, VCLAMP1
Gain Error
0.2
%
Within 200 mV of AVSS
Input Referred Offset Error
5
mV
VCLAMP0 and VCLAMP1 Input Current
±1
µA
Clamp Voltage Range
AVSS
0
V
Output Current2
−10
+10
mA
Source and/or sink within 300 mV of supply
Clamp to Open-Loop Settling Time2
5
µs
RL = ∞, CL = 200 pF, output voltage within 10%,
5 V transition
1
Specification tested with output unloaded. Linearity calculated using best fit line method and based on a reduced code range equivalent to 100 mV within either side
of supply or ground ± 82 codes.
2
Guaranteed by design and characterization; not production tested.
3
All unipolar DACs must be enabled with an output code set to a minimum code of 41 LSBs.
TEMPERATURE SENSOR
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 5 V, AVSS = −5 V, PAVDD =
5 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external; VDRIVE = 1.7 V to 5.5 V; TA = −40°C to +125°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL TEMPERATURE SENSOR1
Operating Range2
−40
+125
°C
See Figure 30 for −55°C to +125°C operation
Accuracy
±1.25
±3
°C
Internal temperature sensor, TA = −40°C to +125°C
±1.25
°C
TA = 25°C
Resolution
0.125
°C
EXTERNAL TEMPERATURE SENSOR1
External transistor = 2N3906; no capacitor between Dx−/Dx+ pins, and
no series resistor between transistor and Dx−/Dx+ pins
Operating Range
−55
+150
°C
Limited by external transistor
Accuracy
±1.1
±3
°C
TA = −40°C to +105°C
Resolution
0.125
°C
LSB size
1
Guaranteed by design and characterization; not production tested.
2
Guaranteed functional to −55°C by design but accuracy is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com