Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 10Page - Analog Devices AD7293BCPZ Datasheet HTML 11Page - Analog Devices AD7293BCPZ Datasheet HTML 12Page - Analog Devices AD7293BCPZ Datasheet HTML 13Page - Analog Devices AD7293BCPZ Datasheet HTML 14Page - Analog Devices AD7293BCPZ Datasheet HTML 15Page - Analog Devices AD7293BCPZ Datasheet HTML 16Page - Analog Devices AD7293BCPZ Datasheet HTML 17Page - Analog Devices AD7293BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 14 of 78
Pin Number
Mnemonic
Description
12
VDRIVE
Drive Voltage Reference Level of the SPI Bus from 1.7 V to 5.5 V.
13
DVDD
Digital Supply Voltage from 4.5 V to 5.5 V.
14
DACVDD-UNI
DAC Positive Supply Pin for the Unipolar DAC Output Amplifiers on UNI-VOUT0, UNI-VOUT1, UNI-
VOUT2, and UNI-VOUT3.
15, 16, 18, 19
UNI-VOUT0, UNI-VOUT1,
UNI-VOUT2, UNI-VOUT3,
Unipolar DAC Outputs. The clamp and power-on reset voltage for these DACs is 0 V.
17, 22, 35, 43
AGND
Analog Ground. Connect both the AGND and DGND pins to the ground plane of the system.
20
VREFIN
Reference Input to the Device. Connect this pin to an external reference voltage, or tie this
pin to VREFOUT.
21
VREFOUT
2.5 V Reference Output. Connect to VREFIN to operate in internal reference mode. An optional
10 nF capacitor is recommended between the reference output and AGND for noise filtering.
23, 24, 27, 28
BI-VOUT0, BI-VOUT1,
BI-VOUT2, BI-VOUT3
Bipolar DAC Outputs in Open-Loop Mode and Integrator Outputs in Closed-Loop Mode. The
clamp and power-on reset voltage for these DACs is dictated by the VCLAMPx pins.
25
AVSS
DAC Negative Supply Pin for the BI-VOUT0, BI-VOUT1, BI-VOUT2, and BI-VOUT3 DAC Output
Amplifiers.
26
DACVDD-BI
Analog Supply Pin for BI-VOUT0, BI-VOUT1, BI-VOUT2, and BI-VOUT3. Connect AVDD and DACVDD-BI to
the same potential.
29
VCLAMP1
Power-On Reset and Clamp Voltage for BI-VOUT2 and BI-VOUT3.
30
VCLAMP0
Power-On Reset and Clamp Voltage for BI-VOUT0 and BI-VOUT1.
31, 33, 36, 38
RS3−, RS2−, RS1−, RS0−
Negative Connection for External Shunt Resistors.
32, 34, 37, 39
RS3+, RS2+, RS1+, RS0+
Positive Connection for External Shunt Resistors.
40
PA_ON
Power Amplifier On. This pin drives an external, positive channel metal oxide semiconductor
(PMOS) switch capable of turning on/off the drain current to a PA transistor. The maximum
voltage is set by PAVDD and limited to AVSS + 60 V. The power amplifier is turned on when the
output is low. The AVSS and AVDD supply alarms can be configured to automatically trigger
PA_ON. An alert condition can be configured to trigger PA_ON. Additionally, PA_ON can be
turned on/off by issuing a register write.
41
PAVDD
Power Supply for the PA_ON Control Signal. This pin is limited to 4 V to AVSS + 60 V.
42
REFADC
Internal ADC Reference Voltage. The output at this pin is half the reference value (VREFIN),
1.25 V. Connect decoupling capacitors to this pin to decouple the reference buffer. For best
performance, connect a 4.7 µF compensation capacitor between REFADC and AGND. For
stability, the amplifier requires a minimum capacitance of 220 nF (X7R/C0G ceramic)
connected between REFADC and AGND, located as close to the AD7293 as possible (no more
than 1 Ω of interconnect resistance).
44
AVDD
Supply Voltage for All of the Analog Circuitry on the AD7293. The operating range is 4.5 V to
5.5 V. Connect AVDD and DACVDD-BI to the same potential.
45 to 48
VIN3, VIN2, VIN1, VIN0
ADC Analog Inputs. Unused inputs must not be left floating. The input range of these pins is
register selectable: 0 V to 1.25 V, 0 V to 2.5 V, or 0 V to 5 V.
49, 50, 51, 52
D1−, D1+, D0−, D0+
Temperature Sensor Analog Inputs. Connect these pins to the external temperature sensing
transistor. Tie these pins to AGND if unused.
53
GPIO3/ALERT0
General-Purpose Input/Output 3 Pin (GPIO3, Default as Input).
Alert 0 Pin (ALERT0). When ALERT0 is configured as an alert, this pin acts as an out of range
indicator. Open-drain output whether in GPIO mode or alert mode. The polarity of this pin is
register selectable. A pull-up resistor connected to VDRIVE is required.
54
GPIO2/BUSY
General-Purpose Input/Output 2 Pin (GPIO2, Default as Input).
Busy Pin (BUSY). When BUSY is configured as a busy output, this pin becomes active when a
conversion is in progress. Open-drain output whether in GPIO mode or busy mode. The
polarity of this pin is register selectable. A pull-up resistor connected to VDRIVE is required.
55
GPIO1/CONVST
General-Purpose Input/Output 1 Pin (GPIO1, Default as Input). This pin is an open-drain
output in GPIO mode. The polarity of this pin is register selectable.
ADC External Convert Start Input Pin (CONVST). CONVST triggers conversions via this pin. The
CONVST pin is useful for synchronizing the ADC sampling instant with an external source. A
pull-up resistor connected to VDRIVE is required in GPIO mode or if unused.
56
GPIO0/IS BLANK
General-Purpose Input/Output 0 Pin (GPIO0, Default as Input). This pin is an open-drain
output in GPIO mode. The polarity of this pin is register selectable. A pull-up resistor
connected to VDRIVE is required in GPIO mode or if unused.
Current Sensor Conversion Blank Pin (IS BLANK). This pin can blank current sensor
conversions and the polarity of this pin is register selectable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com