Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 23Page - Analog Devices AD7293BCPZ Datasheet HTML 24Page - Analog Devices AD7293BCPZ Datasheet HTML 25Page - Analog Devices AD7293BCPZ Datasheet HTML 26Page - Analog Devices AD7293BCPZ Datasheet HTML 27Page - Analog Devices AD7293BCPZ Datasheet HTML 28Page - Analog Devices AD7293BCPZ Datasheet HTML 29Page - Analog Devices AD7293BCPZ Datasheet HTML 30Page - Analog Devices AD7293BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 27 of 78
target DAC code is set immediately. Depending on the overall
loop time constant, an additional settling time can be required
after the end of the ramp for the drain current to reach the
prescribed set point.
Figure 47. Programmable Ramp Time Representation
Fast Ramp Feature
To accelerate the initial settling of the closed loop, the fast ramp
feature can be enabled. When the ramp time register is programmed
to 0x0000, the ramp generator disables. In this mode, when the
current sense reading is less than 0x00F, the integrator time
constant is reduced to 408 µs, allowing the gate control voltage
to reach the PA threshold voltage as quickly as possible. When
above this current, the time constant automatically returns to its
programmed value. When a different switching threshold is
desired, use the current sense offset register to allow Code 0x00F to
represent a higher or lower current. This features may be useful to
prevent unwanted overshoot (lower threshold) or to speed up
settling (higher threshold).
Closed-Loop Sequencing
On power-up or following a reset, the system is configured as
follows:
•
The four bipolar outputs (BI-VOUT0 to BI-VOUT3) are set to
their clamp value, regardless of the levels of the SLEEP0 or
the SLEEP1 pin.
•
All of the DAC data registers are set to 0x0000, and the
bipolar DACs operate in open loop.
•
The PA_ON signal is set to the off state.
To enter closed-loop operation, it is important to follow these steps:
1. Configure the AD7293 for closed-loop operating mode by
writing to the integrator limit and closed-loop control register
(Register 0x28) from the configuration page. Additionally,
if PMOS drain switch control is used, set the PA_ON signal
to the on state by writing to the PA_ON control register
(Register 0x29) from the same page.
2. The DACs must be programmed at this point. Choose the
target drain current such that the PA is within its operating
region. The ISENSE gain setting must be left at the default
value of 6.25 in closed-loop mode. At this point, setting the
corresponding ramp time to 0 may be required so that the
ramp generator disables, and the DAC jumps to the target
value quickly.
3. Release the DACs out of clamp by writing to the DAC
enable register (Register 0x04) and wait 5 ms for the PAs to
settle to the initial drain current. At this point, ensure that
the programmed ramp time is 0, such that the ramp generator
is disabled, and the DAC resolves to the target value.
4. Program the desired ramp times for each channel by writing
to the corresponding ramp time registers (Register 0x2A to
Register 0x2D) from the configuration page.
5. Program the target drain current by writing to the DAC
registers. In addition to the ramp time, allow a delay of
1 ms before checking whether the PA drain current
corresponds to the intended target current. During the
active ramp period, if the DAC input register (Page 0x00,
Register 0x30 to Register 0x37) is read back, it is seen as
ramping up or ramping down to the target code.
If the user writes a new target drain current while the ramp is
active, the device restarts the internal timer and aims to reach
the new drain current within the programmed ramp time.
If the device is configured in closed-loop mode, the ADC runs
conversions on the corresponding current sensor channel in the
background. In addition to the current sensor conversions,
additional channels can be configured to run background
conversions (via the corresponding background enable registers).
The user can read back the conversion results via the channel
specific result registers in Page 0x00 and Page 0x01.
Closed-Loop Integrator Programmable Voltage Limit
The AD7293 ADC can monitor the voltage at the output of the
integrator by writing to a register (Register 0x23) from the
configuration page (see Table 46).
The integrator voltage limit feature allows the user to set upper
and lower limits on the integrator output voltage in closed-loop
mode of operation. When the integrator limit is active, the
integrator pauses and the output voltage holds constant. The
polarity of the error amplifier (comparison between measured
current and target current) determines when it is safe to deactivate
the soft limit. For example, a lower target current is programmed,
which makes the integrator output decrease, making it safe to
deactivate the integrator limit.
It is recommended to use the hysteresis registers (see Table 66
and Table 69) to avoid the device switching in and out of the
alert condition close to the limits. Additionally, the integrator
limit feature can be made a function of the upper/lower limits
only by ignoring the polarity of the error amplifier (via D2 of
the general register (Register 0x14) from the configuration page).
The integrator limit feature does not enable by default and can
be enabled by writing to the integrator limit and closed-loop
control register (Register 0x28).
RAMP TIME
SETTLING
TIME
DAC RAMP
RS VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com