Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 56Page - Analog Devices AD7293BCPZ Datasheet HTML 57Page - Analog Devices AD7293BCPZ Datasheet HTML 58Page - Analog Devices AD7293BCPZ Datasheet HTML 59Page - Analog Devices AD7293BCPZ Datasheet HTML 60Page - Analog Devices AD7293BCPZ Datasheet HTML 61Page - Analog Devices AD7293BCPZ Datasheet HTML 62Page - Analog Devices AD7293BCPZ Datasheet HTML 63Page - Analog Devices AD7293BCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 60 of 78
ALERT (PAGE 0x10)
Table 88. Alert (Page 0x10)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
ALERTSUM
2
R/W
0x0000
0x12
VINx alert
2
R/W
0x0000
0x14
TSENSEx alert
2
R/W
0x0000
0x15
ISENSEx alert
2
R/W
0x0000
0x18
Supply and BI-VOUTxMON
alert
2
R/W
0x0000
0x19
RSx+MON alert
2
R/W
0x0000
0x1A
INTLIMITx and AVSS/AVDD
alert
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
Alert Summary (ALERTSUM) Register (Register 0x10)
This 16-bit register stores the summary from the channel
dedicated alert registers. If any of the bits from the corresponding
alert register are set, the register bit is set to 1 (OR function of
individual alert register bits). When 1 is written to any of the
register bits, this bit is cleared, that is, removing alerts and the
alert bits from the corresponding alert register. This write is a
quick way to clear any alerts in the device. The upper byte
contains the high alerts, whereas the lower byte contains the low
alerts. This format is applicable to the individual alert registers
as well. The default value of this register is 0x0000.
VINx Alert Register (Register 0x12)
This 16-bit register stores the VIN channel related high and low
alerts. When 1 is written to any of the register bits, this bit
clears, removing the corresponding alert.
Temperature Sensor (TSENSEx) Alert Register (Register 0x14)
This 16-bit register stores the temperature sensor related high
and low alerts. When 1 is written to any of the register bits, this
bit clears, removing the corresponding alert.
Current Sensor (ISENSEx) Alert Register (Register 0x15)
This 16-bit register stores the current sensor related high and
low alerts. When 1 is written to any of the register bits, this bit
clears, removing the corresponding alert.
Table 89. Alert Summary (ALERTSUM) Register (Register 0x10), Bit D15 to Bit D8
D15
D14
D13
D12
D11
D10
D9
D8
RSx+ high
AVDD/BI-VOUTx high
INTLIMITx active
AVSS/AVSS alarm
ISENSEx high
TSENSEx high
Reserved
VINx high
Table 90. Alert Summary (ALERTSUM) Register (Register 0x10), Bit D7 to Bit D0
D7
D6
D5
D4
D3
D2
D1
D0
RSx+ low
AVDD/BI-VOUTx low
Reserved
ISENSEx low
TSENSEx low
Reserved
VINx low
Table 91. VINx Alert Register (Register 0x12)
MSB
LSB
[D15:D12]
D11
D10
D9
D8
[D7:D4]
D3
D2
D1
D0
Reserved
VIN3 high
VIN2 high
VIN1 v
VIN0 high
Reserved
VIN3 low
VIN2 low
VIN1 low
VIN0 low
Table 92. Temperature Sensor Alert Register (Register 0x14)
MSB
LSB
[D15:D11]
D10
D9
D8
[D7:D3]
D2
D1
D0
Reserved
TSENSED1 high
TSENSED0 high
TSENSEINT high
Reserved
TSENSED1 low
TSENSED0 low
TSENSEINT low
Table 93. Current Sensor Alert Register (Register 0x15)
MSB
LSB
[D15:D12]
D11
D10
D9
D8
[D7:D4]
D3
D2
D1
D0
Reserved
ISENSE3 high
ISENSE2 high
ISENSE1 high
ISENSE0 high
Reserved
ISENSE3 low
ISENSE2 low
ISENSE1 low
ISENSE0 low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com