Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SC Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Datasheet(HTML) 5 Page - STMicroelectronics

  SPWF04SC Datasheet HTML 1Page - STMicroelectronics SPWF04SC Datasheet HTML 2Page - STMicroelectronics SPWF04SC Datasheet HTML 3Page - STMicroelectronics SPWF04SC Datasheet HTML 4Page - STMicroelectronics SPWF04SC Datasheet HTML 5Page - STMicroelectronics SPWF04SC Datasheet HTML 6Page - STMicroelectronics SPWF04SC Datasheet HTML 7Page - STMicroelectronics SPWF04SC Datasheet HTML 8Page - STMicroelectronics SPWF04SC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SPWF04SA, SPWF04SC
Description
DocID029757 Rev 5
5/27
1
Description
The SPWF04SA and the SPWF04SC are ready-to-use Wi-Fi modules conceived for
Internet of Things (IoT) applications. The modules integrate a Cortex-M4-based STM32
microcontroller and a powerful Wi-Fi transceiver, compliant with IEEE 802.11 b/g/n
standard for the 2.4 GHz band.
The modules are cloud compatible thanks to the complete protocol package, which
includes application and security layers. They can operate in serial-to-Wi-Fi and standalone
mode, with customer applications developed in the subsystem based on the MicroPython
environment.
The modules are configured around a single-chip 802.11 transceiver with integrated PA
and comprehensive power management subsystem, and an STM32F4 microcontroller with
UART/SPI interface and an extensive GPIO suite; they also incorporate timing clocks and a
voltage regulator.
The SPWF04SA module is configured with a highly-efficient, embedded micro 2.4 GHz ISM
band antenna, or with an external U.FL antenna connector (SPWF04SC); both are certified
FCC/IC and CE.
With low power consumption and an ultra-compact (2.7 x 1.5 cm) footprint, the modules are
ideal for fixed and mobile wireless applications, as well as challenging battery-operated
applications.
The SPWF04Sx parts are released with an integrated full featured TCP/IP protocol stack
with added web server and additional application service capabilities, including REST API
for accessing files on servers in the cloud and support for dynamic web pages with SSI
functions to easily interact with the module and the host processor over the air. Application
note AN4965 on www.st.com provides details on HTTP server capabilities.
Multiple higher level protocols over TCP are supported by the module including: HTTP,
MQTT, SMTP, and WebSockets to easily connect application to the cloud. Multiple
protocols supported over UDP include: TFTP, SNTP and mDNS; the module also includes
IPv6 networking capabilities.
The SW package also has an AT command layer interface for user-friendly access to the
stack functionalities via the UART serial port and an SPI interface supporting master and
slave messages from and to the host processor respectively (see user manual UM2114 on
www.st.com).
The SPWF04Sx includes a MicroPython scripting engine to enable simple and fast custom
application development on the module MCU: no external MCU is needed and the
customer application runs directly on the module. The interpreter implementation is fully
compatible with the standard MicroPython version 1.6. In standalone mode, MicroPython
use Wi-Fi interfaces and MCU peripherals such as UART, SPI, I2C, GPIOs via standard
MicroPython APIs (see application note AN4964 on www.st.com).
1 MB of the internal Flash is dedicated to store the user file system while a hardware
interface allows the usage of an external memory via SPI/SDIO (Serial Flash/SD Card) to
further extend the file system storage capabilities.
The module supports WPA2-Personal and WPA2-Enterprise security and WPS (Wi-Fi
protected setup).
For secure end-to-end communication with the cloud, an SSL/TLS stack is embedded in
every module, with no licensing charge. See application note AN4963 on www.st.com for
details on security.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com