Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SC Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 8Page - STMicroelectronics SPWF04SC Datasheet HTML 9Page - STMicroelectronics SPWF04SC Datasheet HTML 10Page - STMicroelectronics SPWF04SC Datasheet HTML 11Page - STMicroelectronics SPWF04SC Datasheet HTML 12Page - STMicroelectronics SPWF04SC Datasheet HTML 13Page - STMicroelectronics SPWF04SC Datasheet HTML 14Page - STMicroelectronics SPWF04SC Datasheet HTML 15Page - STMicroelectronics SPWF04SC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Pinout description
SPWF04SA, SPWF04SC
12/27
DocID029757 Rev 5
Table 6: GPIOs main and alternate functions
Signal
name
Pin
Main Function (1)
Alternate function
Electrical
notes
System
function (2)
Peripheral
driver (3)
MicroPython
Interfaces (4)
GPIO[0]
16
General Purpose
input/output
Restore to
factory setting
(5)
ADC
Input pull
down and 5
V tolerant
GPIO[1]
17
General Purpose
input/output
ADC
Input pull
down and 5
V tolerant
GPIO[2]
19
General Purpose
input/output
PWM
TX UART
Floating
and 5 V
tolerant
GPIO[3]
1
General Purpose
input/output
Ext memory:
SPI_nCS
Input pull
down and 5
V tolerant
GPIO[4]
18
General Purpose
input/output
I2C SDA
GPIO[5]
20
General Purpose
input/output
I2C SCL
GPIO[6]
22
General Purpose
input/output
WakeUp
sleep Inhibit
(6)
Input pull
down and 5
V tolerant
GPIO[7]
13
MiniAP: General
purpose
input/output STA:
WPS PushButton
STA/MiniAP
switch
(startup) (7)
RTS UART
GPIO[8]
4
General Purpose
input/output
MicroPython
selection
mode (8)
GPIO[9]
7
General Purpose
input/output
SPI HOST
interface: SPI
nHostInterrupt
(9)
GPIO[10]
5
General Purpose
input/output
LED Drive:
module
running (10)
GPIO[11]
11
General Purpose
input/output
RX UART
GPIO[12]
12
General Purpose
input/output
CTS UART
GPIO[13]
15
LED Drive: Wi-Fi
Link Up
MISO SPI
GPIO[14]
14
LED Drive: power
Up
MOSI SPI
GPIO[15]
21
General Purpose
input/output
DAC
SCK SPI
GPIO[16]
27
General Purpose
input/output
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com