Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SC Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 16Page - STMicroelectronics SPWF04SC Datasheet HTML 17Page - STMicroelectronics SPWF04SC Datasheet HTML 18Page - STMicroelectronics SPWF04SC Datasheet HTML 19Page - STMicroelectronics SPWF04SC Datasheet HTML 20Page - STMicroelectronics SPWF04SC Datasheet HTML 21Page - STMicroelectronics SPWF04SC Datasheet HTML 22Page - STMicroelectronics SPWF04SC Datasheet HTML 23Page - STMicroelectronics SPWF04SC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Regulatory compliance
SPWF04SA, SPWF04SC
20/27
DocID029757 Rev 5
10
Regulatory compliance
10.1
RoHS compliance
In order to meet environmental requirements, ST defines different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
SPWF04S modules comply with the ECOPACK2 level of RoHS compliance grade.
The material declaration file is available at: www.st.com.
10.2
RF certifications
The RF certifications obtained for the SPWF04S modules are summarized below.
Table 9: RF certification summary
Directives
ID
Certified Rules and STD
Notes
FCC
S9NSPWFS04
FCC part 15
ID that applies to the version
SPWF04SA and SPWF04SC when
this is used with the antennas
specified in the Table 8: "Soldering
values". Both versions are modular
approved in the meaning defined by
FCC
IC
8976C-SPWFS04
IC RSS-247
ID that applies to the version
SPWF04SA and SPWF04SC when
this is used with the antennas
specified in the Table 8: "Soldering
values". Both versions are modular
approved in the meaning defined by
IC
ETSI
Compliant
EN301 489-17 V3.1.1
(2017-02)
EN 201 489-1 V2.1.1
(2017-02)
EN 60950-1:2006 +
A11:2009 + A12:2011 +
A1:2010 + A2:2013 +
AC:2011
EN 62479:2010
EN 300 328 V2.1.1
(2016-11)
ID that applies to the version
SPWF04SA and SPWF04SC when
this is used with the antennas
specified in the Table 8: "Soldering
values"
The certifications of the version SPWF04SC that has an integrated U.FL connector applies
when the module is connected with the antenna specified in the Table 8: "Soldering
values".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com