Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SC Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 4Page - STMicroelectronics SPWF04SC Datasheet HTML 5Page - STMicroelectronics SPWF04SC Datasheet HTML 6Page - STMicroelectronics SPWF04SC Datasheet HTML 7Page - STMicroelectronics SPWF04SC Datasheet HTML 8Page - STMicroelectronics SPWF04SC Datasheet HTML 9Page - STMicroelectronics SPWF04SC Datasheet HTML 10Page - STMicroelectronics SPWF04SC Datasheet HTML 11Page - STMicroelectronics SPWF04SC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
General electrical specifications
SPWF04SA, SPWF04SC
8/27
DocID029757 Rev 5
3
General electrical specifications
Table 1: Absolute maximum ratings
Rating
Min.
Typ.
Max.
Unit
Voltage supply
-0.3
-
4.0
V
Vin for 5 V tolerant pins
-0.3
-
5.5
V
Vin for all other pins
-0.3
-
3.6
V
Storage temperature range
-55
-
105
°C
Table 2: Operating conditions and input power specifications
Parameter
Test condition
Min.
Typ.
Max.
Unit
Operating temperature range
Industrial
-40
85
°C
3.3 V supply
Input supply
voltage
3.3 V supply input
3.1
3.3
3.6
V
Standby
Both the STM32 and the
radio are in standby power
states
43
µA
Sleep
The STM32 is in stop power
state and the radio is in sleep
power state
3
mA
Low power state
The STM32 is active and the
radio is in sleep power state
33
mA
TX (@ max
power)
802.11b
1 Mbps DSSS
360
mA
802.11g
6 Mbps
350
mA
54 Mbps
290
mA
802.11n
MCS0
350
mA
MCS7
280
mA
RX
802.11b
105
mA
802.11g
105
mA
802.11n
105
mA
Note: Measure preformed at Ta = 25 °C, VDD = 3.3 V on channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com