Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SC Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 7Page - STMicroelectronics SPWF04SC Datasheet HTML 8Page - STMicroelectronics SPWF04SC Datasheet HTML 9Page - STMicroelectronics SPWF04SC Datasheet HTML 10Page - STMicroelectronics SPWF04SC Datasheet HTML 11Page - STMicroelectronics SPWF04SC Datasheet HTML 12Page - STMicroelectronics SPWF04SC Datasheet HTML 13Page - STMicroelectronics SPWF04SC Datasheet HTML 14Page - STMicroelectronics SPWF04SC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SPWF04SA, SPWF04SC
Pinout description
DocID029757 Rev 5
11/27
6
Pinout description
Table 5: Pinout description
Signal name
Type
Pin
number
Function
Notes
GPIOs - general purpose input/output
GPIO[0]
– GPIO[18]
I/O
See Table 6: "GPIOs main and alternate functions" for
corresponding pin numbers, main and alternate functions
Host interface (1)
RXD/MOSI
I
8
5 V tolerant
TXD/MISO
O
6
5 V Tolerant
CTS/nCS
I
9
Active low, 5 V tolerant
RTS/CLK
O
10
5 V tolerant
Reset (2)
RESETn
I
3
Reset input
Active low for 5 ms with pull
up to 3.3 VDC. Not 5 V
tolerant
Bootloader
BOOT0
I
2
Boot loader (3)
External memory interface (4)
SDIO CLK / SPI CLK
31
SDIO D0 / SPI MISO
32
SDIO CMD / SPI MOSI
33
Other pins
VCC (3.3 V)
24
Voltage Supply
Decouple with 10 µF
capacitor
Ground
23
Ground
Ground Paddle
25
Ground
Add plenty of Ground vias
for thermal dissipation and
ground
GPIO19 / LSE(5)
34
GPIO20 / HSE(5)
35
SWD I/O
26
SWD CLK
29
Notes:
(1)See Section 7: "Pinout description" for a UART and SPI selection modes and interface details.
(2)In order to recover from unexpected behavior, the HOST processor, when connected, could conveniently
control the RESETn pin of the module.
(3)To enable the firmware download, pin BOOT0 needs to be high during power up. RESETn needs to be
pulled low at least 5 ms to initiate the firmware download sequence.
(4)Automatic detection via the configuration variable ext_volume.
(5)Reserved for future usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com