Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 79Page - STMicroelectronics ST25DV16K Datasheet HTML 80Page - STMicroelectronics ST25DV16K Datasheet HTML 81Page - STMicroelectronics ST25DV16K Datasheet HTML 82Page - STMicroelectronics ST25DV16K Datasheet HTML 83Page - STMicroelectronics ST25DV16K Datasheet HTML 84Page - STMicroelectronics ST25DV16K Datasheet HTML 85Page - STMicroelectronics ST25DV16K Datasheet HTML 86Page - STMicroelectronics ST25DV16K Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 220 page
background image
DocID027603 Rev 4
83/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Table 46. MEM_SIZE(1)
RF
Command
Get System Info(2) (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Type
RO
I2C
Address
E2=1, 0014h to 0015h
Type
RO
I2C
Address
Bit
Name
Function
Factory Value
0014h
b7-b0
MEM_SIZE
Address 0015h: LSB byte of the memory size expressed
in RF blocks
ST25DV04K-XX: 7Fh
ST25DV16K-XX: FFh
ST25DV64K-XX: FFh
0015h
b7-b0
Address 0014h: MSB byte of the memory size
expressed in RF blocks
ST25DV04K-XX: 00h
ST25DV16K-XX: 01h
ST25DV64K-XX: 07h
1. Refer to Table 8: System configuration memory map for the MEM_SIZE register.
2. Only ST25DV04K-IE and ST25DV04K-JF
Table 47. BLK_SIZE(1)
RF
Command
Get System Info(2) (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Type
RO
I2C
Address
E2 = 1, 0016h
Type
RO
Bit
Name
Function
Factory
Value
b7-b0
BLK_SIZE
RF user memory block size
03h
1. Refer to Table 8: System configuration memory map for the BLK_SIZE register.
2. Only ST25DV04K-IE and ST25DV04K-JF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com