Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 17Page - STMicroelectronics ST25DV16K Datasheet HTML 18Page - STMicroelectronics ST25DV16K Datasheet HTML 19Page - STMicroelectronics ST25DV16K Datasheet HTML 20Page - STMicroelectronics ST25DV16K Datasheet HTML 21Page - STMicroelectronics ST25DV16K Datasheet HTML 22Page - STMicroelectronics ST25DV16K Datasheet HTML 23Page - STMicroelectronics ST25DV16K Datasheet HTML 24Page - STMicroelectronics ST25DV16K Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 220 page
background image
DocID027603 Rev 4
21/220
ST25DV04K ST25DV16K ST25DV64K
Signal descriptions
219
2.3
RF link (AC0 AC1)
2.3.1
Antenna coil (AC0, AC1)
These inputs are used to connect the ST25DVxxx device to an external coil exclusively. It is
advised not to connect any other DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to power and access the device using the ISO/IEC
15693 and ISO 18000-3 mode 1 protocols.
2.4
Process control (VDCG, GPO)
2.4.1
Driver Supply voltage (VDCG)
This pin, available only with ST25DVxx-JF version, can be connected to an external DC
supply voltage. It only supplies the GPO driver block. ST25DVxxx cannot be powered by
VDCG. If VDCG is left floating, no information will be available on GPO pin.
2.4.2
General purpose output (GPO)
The ST25DVxxx features a configurable output GPO pin used to provide RF activity
information to an external device. ST25DVxx-IE offers a GPO open drain. This GPO pin
must be connected to an external pull-up resistor (> 4.7 K
Ω) to operate.
The interrupt consists in pulling the state to a low level or outputting a low-level pulse on
GPO pin.
ST25DVxx-JF offers a GPO CMOS output, which requires to connect VDCG pin to an
external power supply. The interrupt consists in setting the state to a high level or outputting
a positive pulse on the GPO pin.
GPO pin is a configurable output signal, and can mix several Interruption modes. By default,
the GPO register sets the interruption mode as a RF Field Change detector. It is able to
raise various events like RF Activity, Memory Write completion, or fast transfer actions. It
can authorize the RF side to directly drive GPO pin using the Manage GPO command to set
the output state or emit a single pulse (for example, to wake up an application.). See
Section 5.2: GPO for details.
2.5
Energy harvesting analog output (V_EH)
This analog output pin is used to deliver the analog voltage V_EH available when the
Energy harvesting mode is enabled and if the RF field strength is sufficient. When the
Energy harvesting mode is disabled or the RF field strength is not sufficient, V_EH pin is in
High-Z state (See Section 5.3: Energy Harvesting (EH) for details).
Energy harvesting voltage output is not regulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com