Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 23Page - STMicroelectronics ST25DV16K Datasheet HTML 24Page - STMicroelectronics ST25DV16K Datasheet HTML 25Page - STMicroelectronics ST25DV16K Datasheet HTML 26Page - STMicroelectronics ST25DV16K Datasheet HTML 27Page - STMicroelectronics ST25DV16K Datasheet HTML 28Page - STMicroelectronics ST25DV16K Datasheet HTML 29Page - STMicroelectronics ST25DV16K Datasheet HTML 30Page - STMicroelectronics ST25DV16K Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 220 page
background image
DocID027603 Rev 4
27/220
ST25DV04K ST25DV16K ST25DV64K
Memory management
219
4.2.1
User memory areas
The user memory can be split into different areas, each one with a distinct access privilege.
RF and I2C read and write commands are legal only within a same zone:
•
In RF, a multiple read or a multiple write command is not executed and returns the error
code 0Fh if addresses cross the area borders.
•
In I2C, a read data always return FFh after crossing an area border. A write command
is not acknowledged and not executed if the command crosses the area border.
Each user memory area is defined by its ending block address ENDAi. The starting block
address is defined by the end of the preceding area.
There are three ENDAi registers in the configuration system memory, used to define the end
block addresses of Area 1, Area 2 and Area 3. The end of Area 4 is always the last block of
memory and is not configurable.
Figure 8. ST25DVxxx user memory areas
On factory delivery all ENDAi are set to maximum value, only Area1 exists and includes the
full user memory.
A granularity of 8 Blocks (32 Bytes) is offered to code area ending points.
An area’s end limit is coded as followed in ENDAi registers:
•
Last RF block address of area = 8 x ENDAi + 7 => ENDAi = int(Last Areai RF block
address / 8)
•
Last I2C byte address of area = 32 * ENDAi + 31 => ENDAi = int(Last Areai I2C byte
address / 32)
•
As a consequence, ENDA1 = 0 means size of Area 1 is 8 blocks (32 Bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com