Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 13Page - STMicroelectronics ST25DV16K Datasheet HTML 14Page - STMicroelectronics ST25DV16K Datasheet HTML 15Page - STMicroelectronics ST25DV16K Datasheet HTML 16Page - STMicroelectronics ST25DV16K Datasheet HTML 17Page - STMicroelectronics ST25DV16K Datasheet HTML 18Page - STMicroelectronics ST25DV16K Datasheet HTML 19Page - STMicroelectronics ST25DV16K Datasheet HTML 20Page - STMicroelectronics ST25DV16K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 220 page
background image
DocID027603 Rev 4
17/220
ST25DV04K ST25DV16K ST25DV64K
Description
219
1
Description
The ST25DV04K, ST25DV16K and ST25DV64K devices are NFC RFID tags offering
respectively 4 Kbit, 16 Kbit, and 64 Kbit of electrically erasable programmable memory
(EEPROM). ST25DV04K, ST25DV16K and ST25DV64K offer two interfaces. The first one
is an I2C serial link and can be operated from a DC power supply. The second one is a RF
link activated when ST25DV04K, ST25DV16K or ST25DV64K act as a contactless memory
powered by the received carrier electromagnetic wave.
In I2C mode, the ST25DV04K, ST25DV16K and ST25DV64K user memory contains up to
512 bytes, 2048 bytes and 8192 bytes, which could be split in 4 flexible and protectable
areas.
In RF mode, following ISO/IEC 15693 or NFC forum type 5 recommendations, ST25DV04K,
ST25DV16K and ST25DV64K user memory contains respectively up to 128 blocks, 512
blocks and 2048 blocks of 4 bytes which could be split in 4 flexible and protectable areas.
ST25DV04K, ST25DV16K and ST25DV64K offer a fast transfer mode between the RF and
contact worlds, thanks to a 256 bytes volatile buffer (also called Mailbox). In addition, the
GPO pin of the ST25DV04K, ST25DV16K and ST25DV64K provide data informing the
contact world about incoming events, like RF field detection, RF activity in progress or
mailbox message availability. An energy harvesting feature is also proposed when external
conditions make it possible.
Herein after all concerned devices that are ST25DV04K, ST25DV16K and ST25DV64K are
mentioned to as ST25DVxxx.
1.1
ST25DVxxx block diagram
Figure 1. ST25DVxxx block diagram
1. VDCG and LPD are included in 12 pins package only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com