Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 27Page - STMicroelectronics ST25DV16K Datasheet HTML 28Page - STMicroelectronics ST25DV16K Datasheet HTML 29Page - STMicroelectronics ST25DV16K Datasheet HTML 30Page - STMicroelectronics ST25DV16K Datasheet HTML 31Page - STMicroelectronics ST25DV16K Datasheet HTML 32Page - STMicroelectronics ST25DV16K Datasheet HTML 33Page - STMicroelectronics ST25DV16K Datasheet HTML 34Page - STMicroelectronics ST25DV16K Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 220 page
background image
DocID027603 Rev 4
31/220
ST25DV04K ST25DV16K ST25DV64K
Memory management
219
4.3
System configuration area
In addition to EEPROM user memory, ST25DVxxx includes a set of static registers located
in the system configuration area memory (EEPROM nonvolatile registers). Those registers
are set during device configuration (i.e.: area extension), or by the application (i.e.: area
protection). Static registers content is read during the boot sequence and define basic
ST25DVxxx behavior.
In RF, the static registers located in the system configuration area can be accessed via
dedicated Read Configuration and Write Configuration commands, with a pointer acting as
the register address.
The RF configuration security session must first be open, by presenting a valid RF
configuration password, to grant write access to system configuration registers.
The system configuration area write access by RF can also be deactivated by I2C host.
Table 6. ENDA2(1)
RF
Command
Read Configuration (cmd code A0h) @07h
Write Configuration (cmd code A1h) @07h
Type
R always, W if RF configuration security session is open and configuration not
locked
I2C
Address
E2 = 1, 0007h
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory Value
b7-b0
ENDA2
End Area 2 = 8 x ENDA2 + 7 when expressed in blocks (RF)
End Area 2 = 32*ENDA2 + 31 when expressed in bytes (I2C)
ST25DV04K-XX: 0Fh
ST25DV16K-XX: 3Fh
ST25DV64K-XX: FFh
1. Refer to Table 8: System configuration memory map for the ENDA2 register.
Table 7. ENDA3(1)
RF
Command Read Configuration (cmd code A0h) @09h
Write Configuration (cmd code A1h) @09h
Type
R always, W if RF configuration security session is open and configuration not
locked
I2C
Address
E2 = 1, 0009h
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory Value
b7-b0
ENDA3
End Area 3 = 8 x ENDA3 + 7 when expressed in blocks (RF)
End Area 3 = 32 x ENDA3 + 31 when expressed in bytes (I2C)
ST25DV04K-XX: 0Fh
ST25DV16K-XX: 3Fh
ST25DV64K-XX: FFh
1. Refer to Table 8: System configuration memory map for the ENDA3 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com