Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EPTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 8Page - STMicroelectronics STWBC-EPTR Datasheet HTML 9Page - STMicroelectronics STWBC-EPTR Datasheet HTML 10Page - STMicroelectronics STWBC-EPTR Datasheet HTML 11Page - STMicroelectronics STWBC-EPTR Datasheet HTML 12Page - STMicroelectronics STWBC-EPTR Datasheet HTML 13Page - STMicroelectronics STWBC-EPTR Datasheet HTML 14Page - STMicroelectronics STWBC-EPTR Datasheet HTML 15Page - STMicroelectronics STWBC-EPTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Pins functional description
STWBC-EP
12/32
DocID030747 Rev 1
5.3
Half bridge driver: UPBL, DNBL, PWM_QFOD, WAVE_SNS
The power half bridge is driven using the UPBL and DNBL pins. The UPBL pin has to be
connected to a high-side gate driver, while the DNBL pin has to be connected to a low-side
gate driver for the power switches.
The UPBL and DNBL pins are active-high: when 1, the corresponding power switch has to
be ON.
The STWBC-EP integrates programmable dead time between the active states of the UPBL
and DNBL avoiding simultaneous conduction of power switches. The external gate driver
doesn't need to manage dead time.
The STWBC-EP requires the following capability to be supported by the gate driver:
UPBL = 0, DNBL = 0: in such case, the power half bridge must be in the high
impedance state.
UPBL = 1, DNBL = 0: high-side power switch must be ON.
UPBL = 0, DNBL = 1: low-side power switch must be ON.
UPBL = 1, DNBL = 1: optional mode where both high and low-side power switches
must be ON (simultaneous conduction).
While the power half bridge is driven with UPBL and DNBL signals, a low energy drive is
needed to run the coil quality factor estimation. For this function, the bridge is driven by
using the PWM_QFOD pin instead of the UPBL (UPBL is 0 during this operation). The
PWM_QFOD has to be connected to the low energy high-side switch while the DNBL is still
used for the low-side low impedance switch drive.
In many situation the STWBC-EP requires ¼ wave synchronization with the LC tank
connected to the half bridge. A simple passive detector must be connected to the LC tank
and the WAVE_SNS pin. The WAVE_SNS pin should be limited to a 0.6 V swing.
5.4
Wireless power functions: TANK_VOLTAGE, ISENSE,
COIL_TEMP, SYMBOL_DETECT, CURRENT_DEMOD,
CS_CMP_AVG
The STWBC-EP requires monitoring the peak voltage on the LC tank as well as the rectified
current circulating in the tank. To do so, a peak voltage detector of the LC tank must be
connected to the TANK_VOLTAGE pin and a filtered current sensor must be connected to
the ISENSE pin .
For quality factor measurement, a high sensitivity peak voltage detector of the LC tank must
be connected to the CS_CMP_AVG pin.
The STWBC-EP requires external signal conditioning blocks to pre-demodulate the WPC Qi
messages. One of this blocks detects the effect of modulation on the LC tank voltage and it
must be connected to the SYMBOL_DETECT pin. Another block is required to detect the
effect of modulation on the LC tank current and it must be connected to the
CURRENT_DEMOD pin.
For safety reason the STWBC is capable of monitoring the temperature of the transmitting
coil. In order to do so, a NTC thermistor must be connected to the COIL_TEMP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com