Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EPTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 21Page - STMicroelectronics STWBC-EPTR Datasheet HTML 22Page - STMicroelectronics STWBC-EPTR Datasheet HTML 23Page - STMicroelectronics STWBC-EPTR Datasheet HTML 24Page - STMicroelectronics STWBC-EPTR Datasheet HTML 25Page - STMicroelectronics STWBC-EPTR Datasheet HTML 26Page - STMicroelectronics STWBC-EPTR Datasheet HTML 27Page - STMicroelectronics STWBC-EPTR Datasheet HTML 28Page - STMicroelectronics STWBC-EPTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID030747 Rev 1
25/32
STWBC-EP
Electrical characteristics
32
6.9.7
10-bit SAR ADC characteristics
The 10-bit SAR ADC parameters are specified under general operating conditions for VDDA
and TA unless otherwise specified.
ADC accuracy characteristics
See Figure 18 for more details about the ADC accuracy parameter definition.
Table 13. ADC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
N
Resolution
-
10
-
bit
RADCIN
ADC input impedance(1)
1. Maximum input analog voltage cannot exceed VDD/VDDA.
1-
-
M
VIN
Input conversion voltage range
0
-
1.25(1),(2)
2. Exceeding the maximum voltage on the TANK_VOLTAGE, VTARGET, COIL_TEMP, ISENSE, QFOD_ADC
signals has to be avoided since it may impact the ADC conversion accuracy defined in Table 14.
V
Vref
ADC main reference voltage(3)
3. ADC reference voltage at TA = 25 °C.
-
1.250
-
Table 14. ADC accuracy characteristic at VDD/VDDA = 5 V
Symbol
Parameter
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.(2)
2. Operating temperature: TA = 25 °C.
Max.(1)
Unit
|EO|
Offset error(3), (4)
3. ADC accuracy vs. negative injection current. The injecting negative current on any of the analog input pins
should be avoided as this reduces the accuracy of the conversion being performed on another analog
input. It is recommended that a Schottky diode (pin to ground) has to be added to standard analog pins
which may potentially inject a negative current. Any positive injection current within the limits specified for
IINJ(PIN) and IINJ(PIN) in the I/O port pin characteristics section does not affect the ADC accuracy. The ADC
accuracy parameters may be also impacted exceeding the ADC maximum input voltage VIN.
4. Results in manufacturing test mode.
-
0.5
-
LSB
|EG|
Gain error(3), (4), (5)
5. Gain error evaluated with the two-point method.
-
0.4
-
EOG
Offset + Gain error (5), (6)
6. Temperature operating range: 0 ºC
 TA  85 ºC.
-8.3
-
8.9
EOG
Offset + Gain error(5), (7)
7. Temperature operating range: -25 ºC
 TA  105 ºC.
-10.9
-
10.9
EOG
Offset + Gain error(5), (8)
8. Temperature operating range: -40 ºC
 TA  105 ºC.
-13.8
-
10.9
|ED|
Differential linearity error(1), (2), (3)
-
0.8
-
|EL|
Integral linearity error(3), (4)
-
2.0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com