Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EPTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 16Page - STMicroelectronics STWBC-EPTR Datasheet HTML 17Page - STMicroelectronics STWBC-EPTR Datasheet HTML 18Page - STMicroelectronics STWBC-EPTR Datasheet HTML 19Page - STMicroelectronics STWBC-EPTR Datasheet HTML 20Page - STMicroelectronics STWBC-EPTR Datasheet HTML 21Page - STMicroelectronics STWBC-EPTR Datasheet HTML 22Page - STMicroelectronics STWBC-EPTR Datasheet HTML 23Page - STMicroelectronics STWBC-EPTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Electrical characteristics
STWBC-EP
20/32
DocID030747 Rev 1
6.9.3
I/O port pin characteristics
The I/O port pin parameters are specified under general operating conditions for VDD and TA
unless otherwise specified. Unused input pins should not be left floating.
Table 9. Voltage DC characteristics
Symbol
Description
Min.(1)
Typ.
Max(1)
Unit
VIL
Input low voltage
-0.3
-
0.3 * VDD
V
VIH
Input high voltage(2)
0.7 * VDD
-VDD
VOL1
Output low voltage at 3.3 V(3)
-
-
0.4(4)
VOL2
Output low voltage at 5 V(3)
-
-
0.5
VOL3
Output low voltage high sink at 3.3 V / 5 V(2), (5)
-
0.6(4)
-
VOH1
Output high voltage at 3.3 V(3)
VDD -0.4(4)
--
VOH2
Output high voltage at 5 V(3)
VDD -0.5
-
-
VOH3
Output high voltage high sink at 3.3 V / 5 V(2) ,(5)
VDD -0.6(4)
--
HVS
Hysteresis input voltage(6)
-
0.1 * VDD
-
RPU
Pull-up resistor
30
45
60
k
1. Data based on characterization result, not tested in production.
2. Input signals cannot exceed VDDX (VDDX = VDD, VDDA).
3. Parameter applicable to signals: PWM_QFOD, DNBL, LED, QC_IO, DCDC_DRV, DCDC_DAC, UPBL, UART_TX.
4. Electrical threshold voltage not characterized at -40 ºC.
5. Parameter applicable to the signals: SWIM, DEMAGNET.
6. Applicable to any digital inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com