Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EPTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 13Page - STMicroelectronics STWBC-EPTR Datasheet HTML 14Page - STMicroelectronics STWBC-EPTR Datasheet HTML 15Page - STMicroelectronics STWBC-EPTR Datasheet HTML 16Page - STMicroelectronics STWBC-EPTR Datasheet HTML 17Page - STMicroelectronics STWBC-EPTR Datasheet HTML 18Page - STMicroelectronics STWBC-EPTR Datasheet HTML 19Page - STMicroelectronics STWBC-EPTR Datasheet HTML 20Page - STMicroelectronics STWBC-EPTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DocID030747 Rev 1
17/32
STWBC-EP
Electrical characteristics
32
6.9
Operating conditions
The device must be used in operating conditions that comply with the parameters in Table 6.
In addition, a full account must be taken for all physical capacitor characteristics and
tolerances.
Table 6. General operating conditions
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
fCPU
Internal CPU clock frequency
-
-
16
-
MHz
VDD1, VDDA1 Operating voltages
-
3(1)
1. The external power supply can range from 3 V to 5.5 V although IC performances are optimized for power
supply equal to 5 V.
5
5.5(1)
V
VDD, VDDA Nominal operating voltages
-
3.3(1)
55(1)
VOUT
Core digital power supply
-
-
1.8(2)
2. Internal core power supply voltage.
-
CVOUT: capacitance of external
capacitor(3)
3. Care should be taken when the capacitor is selected due to its tolerance, its dependency on temperature,
DC bias and frequency.
at 1 MHz
470
-
3300
nF
ESR of external capacitor
-
0.05
-
0.2
ESL of external capacitor
-
-
-
15
nH
JA
(4)
4. To calculate PDmax (TA), use the formula PDmax = (TJmax - TA)/JA.
FR4 multilayer PCB
VFQFPN32
-
26
-
°C/W
TA
Ambient temperature
Pd = 100 mW
-40
-
105
°C
Table 7. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIT+
Power-on reset threshold
-
2.65
2.8
2.98(1)
1. VDD rise must be monotone. The slew rate should be between 1
V/s to 0.5 V/s.
V
VIT-
Brownout reset threshold
-
2.58
2.73
2.88(1)
VHYS(BOR)
Brownout reset hysteresis
-
-
70
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com