Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EPTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 20Page - STMicroelectronics STWBC-EPTR Datasheet HTML 21Page - STMicroelectronics STWBC-EPTR Datasheet HTML 22Page - STMicroelectronics STWBC-EPTR Datasheet HTML 23Page - STMicroelectronics STWBC-EPTR Datasheet HTML 24Page - STMicroelectronics STWBC-EPTR Datasheet HTML 25Page - STMicroelectronics STWBC-EPTR Datasheet HTML 26Page - STMicroelectronics STWBC-EPTR Datasheet HTML 27Page - STMicroelectronics STWBC-EPTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Electrical characteristics
STWBC-EP
24/32
DocID030747 Rev 1
6.9.5
Reset pin characteristics
The following data are specified under general operating conditions for VDD and TA defined
in Table 6 on page 17 unless otherwise specified.
6.9.6
I2C interface characteristics
Table 11. NRST pin characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
VIL(NRST) NRST input low level voltage(1)
-
-0.3
-
0.3 x VDD
V
VIH(NRST) NRST input high level voltage(1)
-
0.7 x VDD
-VDD + 0.3
VOL(NRST) NRST output low level voltage(1) IOL = 2 mA
-
-
0.5
RPU(NRST) NRST pull-up resistor(2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
-30
40
60
k
tIFP(NRST) NRST input filtered pulse(3)
3. Data guaranteed by design, not tested in production.
--
75
ns
tINFP(NRST) NRST not input filtered pulse(3)
-
500
-
-
tOP(NRST) NRST output filtered pulse(3)
-15
-
-
μs
Table 12. I2C interface characteristics
Symbol
Parameter
Standard mode
Fast mode
Unit
Min.(1)
1. Data based on the standard I2C protocol requirement, not tested in production.
Max.(1) Min.(1) Max.(1)
tw(SCLL)
SCL clock low time
4.7
-
1.3
-
μs
tw(SCLH)
SCL clock high time
4.0
-
0.6
-
tsu(SDA)
SDA setup time
250
-
100
-
ns
th(SDA)
SDA data hold time
0(2)
2. The maximum hold time of the start condition has only to be met if the interface does not stretch the low
time.
-0(2)
900(2)
tr(SDA) tr(SCL) SDA and SCL rise time (VDD = 3.3 to 5 V)(3)
3. I2C multifunction signals require the high sink pad configuration and the interconnection of 1 k
 pull-up
resistances.
-
1000
-
300
tf(SDA) tf(SCL) SDA and SCL fall time (VDD = 3.3 to 5 V)(3)
-
300
-
300
th(STA)
START condition hold time
4.0
-
0.6
-
μs
tsu(STA)
Repeated START condition setup time
4.7
-
0.6
-
tsu(STO)
STOP condition setup time
4.0
-
0.6
-
μs
tw(STO:STA) STOP to START condition time (bus free)
4.7
-
1.3
-
μs
Cb
Capacitive load for each bus line(4)
4. 50 pF is the maximum load capacitance value to meet the I2C std. timing specifications.
-
50
-
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com