Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 35Page - Analog Devices AD9670EBZ Datasheet HTML 36Page - Analog Devices AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 38 of 52
Table 23. Coefficient Block Mapping into SPI Memory Location
Coefficients (8 Words × 14 Bits)
C7[13:0]
C6[13:0]
C5[13:0]
C4[13:0]
C3[13:0]
C2[13:0]
C1[13:0]
C0[13:0]
111:98
97:84
83:70
69:56
55:42
41:28
27:14
13:0
SPI Memory (14 Bytes)
B13[7:0]
B12[7:0]
B11[7:0]
B10[7:0]
B9[7:0]
B8[7:0]
B7[7:0]
B6[7:0]
B5[7:0]
B4[7:0]
B3[7:0]
B2[7:0]
B1[7:0]
B0[7:0]
111:104
103:96
95:88
87:80
79:72
71:64
63:56
55:48
47:40
39:32
31:24
23:16
15:8
7:0
DIGITAL TEST WAVEFORMS
Digital test waveforms can be used in the digital processing block
instead of the ADC output. The digital test waveforms enable is
set in Register 0x11B. Each channel can be individually enabled
in Register 0x11A.
Waveform Generator
For testing and debugging, use the programmable waveform
generator instead of ADC data. The waveform generator varies
offset, amplitude, and frequency. The generator uses the ADC
sample frequency, fSAMPLE, and ADC full-scale amplitude, AFULLSCALE,
as references. The values are set in Register 0x117, Register 0x118,
and Register 0x119 (see Table 27).
x = C + A × sin(2 × π × N)
(10)
N =
64
n
fSAMPLE
(see Register 0x117)
(11)
A =
x
SCALE
FULL
A
2
(see Register 0x118)
(12)
C = AFULL SCALE × a × 2−(13 − b) (see Register 0x119)
(13)
Channel ID and Ramp Generator
In Channel ID test mode, the output is a concatenated value.
Output Data Bits[6:0] are a ramp. Output Data Bit 7 is 0 in real
data mode or I channel and 1 for Q channel in complex data
mode. Output Data Bits[10:8] are the channel ID such that
Channel A is coded as 000 and Channel B is 001. Output Data
Bits[15:11] are the chip address.
Filter Coefficients
To check the filter coefficients, the input to the decimating FIR
filter must be a sequence of 1 followed by 0s. The number of zeros
is the decimation rate times the number of taps (16). The output
shifter outputs the LSBs of the filter.
DIGITAL BLOCK POWER SAVING SCHEME
To reduce power consumption in the digital block, the
demodulator and decimation filter start in an idle state after
running the chip (Register 0x008, Bits[2:0] = 000). The digital
block only switches to a running state when the negative edge of
the TX_TRIG pulse is detected, or with a software TX_TRIG write
(Register 0x10C, Bit 5 = 1).
To put the digital block back into the idle state while the rest of
the chip is still running and to save power, enact one of the
following three events: raise the TX_TRIG signal high, write to
the profile index (Register 0x10C, Bits[4:0]), or the power stop
expires if the advanced power control feature is used. Figure 52
illustrates the digital block power saving scheme.
CHIP IN POWER-DOWN,
STANDBY,
OR CW MODE
DIGITAL
DEMODULATOR
IDLE
DIGITAL
DEMODULATOR
RUNNING
RUN CHIP
NEGATIVE EDGE TX_TRIG
OR S/W TX_TRIG
TX_TRIG IS HIGH, PROFILE
INDEX WRITE, OR POWER
STOP EXPIRES
Figure 52. Digital Block Power Saving Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com