Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices AD9670EBZ Datasheet HTML 49Page - Analog Devices AD9670EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 45 of 52
Addr.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x015
OUTPUT_ADJUST
LVDS
output
standard
0 = ANSI
(default)
1 = IEEE
(low
power)
1
1
0
LVDS drive
strength
enable
0 = disable
(default)
1 = enable
LVDS drive current
000 = 3.72 mA
001 = 3.5 mA (default)
010 = 3.30 mA
011 = 2.96 mA
100 = 2.82 mA
101 = 2.57 mA
110 = 2.27 mA
111 = 2.0 mA (reduced range)
0x61
Data output levels
(global).
0x016
FLEX_OUTPUT_
PHASE
X
X
0
DCO
invert
0 =
disable
(default)
1 =
enable
X
X
DCO
phase
adjust
with
respect to
DOUT
00 = +90°
(default)
01 = 0°
10 = 0°
11 = −90°
0x00
DCO inversion and
course phase
adjustment
(global).
0x017
FLEX_OUTPUT_
DELAY
DCO delay
enable
0 = disable
(default)
1 = enable
X
X
DCO clock delay
00000: 100 ps (default)
00001 = 200 ps
00010 = 300 ps
…
11101 = 3.0 ns
11110 = 3.1 ns
11111 = 3.2 ns
0x00
DCO delay
(global).
0x018
FLEX_VREF
X
X
X
X
X
1
0
0
0x04
Reserved (global).
0x019
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 1, LSB
(global).
0x01A
USER_PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 1, MSB
(global).
0x01B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 2, LSB
(global).
0x01C
USER_PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 2, MSB
(global).
0x01D
USER_PATT3_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 3, LSB
(global).
0x01E
USER_PATT3_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 3, MSB
(global).
0x01F
USER_PATT4_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 4, LSB
(global).
0x020
USER_PATT4_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 4, MSB
(global).
0x021
FLEX_SERIAL_CTRL
0
FCO
invert
0 = not
inverted
(default)
1 =
inverted
Lane mode
00 = 1 channel/lane
(8 lanes) (default)
01 = 2 channels/lane
(4 lanes)
10 = 4 channels/lane
(2 lanes)
11 = 8 channels/lane
(1 lane)
Lane low
rate
0 = normal
(default)
1 = low
sample
frequency
(<32 MHz)
FCO rate
with de-
modulator
enabled
0 = FCO
per I/Q
(default)
1 = FCO
per sample
(I and Q)
Output word length
00 = 12 bits (default)
01 = 14 bits
10 = 16 bits
11 = reserved
0x00
LVDS control
(global).
0x022
SERIAL_CH_STAT
X
X
X
X
X
X
X
Channel
power-
down
1 = on
0 = off
(default)
0x00
Used to power
down individual
channels (local).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com