Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 4Page - Analog Devices AD9670EBZ Datasheet HTML 5Page - Analog Devices AD9670EBZ Datasheet HTML 6Page - Analog Devices AD9670EBZ Datasheet HTML 7Page - Analog Devices AD9670EBZ Datasheet HTML 8Page - Analog Devices AD9670EBZ Datasheet HTML 9Page - Analog Devices AD9670EBZ Datasheet HTML 10Page - Analog Devices AD9670EBZ Datasheet HTML 11Page - Analog Devices AD9670EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 7 of 52
DIGITAL SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (0°C to 85°C), unless
otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
INPUTS
CLK+, CLK−, TX_TRIG+, TX_TRIG−
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage42
0.2
3.6
V p-p
Input Voltage Range
GND − 0.2
AVDD1 + 0.2
V
Input Common-Mode Voltage
0.9
V
Input Resistance (Differential)
25°C
15
kΩ
Input Capacitance
25°C
4
pF
MLO+, MLO−, RESET+, RESET−
Logic Compliance
LVDS/LVPECL
Differential Input Voltage2
0.250
2 × AVDD2
V p-p
Input Voltage Range
GND − 0.2
AVDD2 + 0.2
V
Input Common-Mode Voltage
−0.3
AVDD2/2
+0.3
V
Input Resistance (Single-Ended)
25°C
20
kΩ
Input Capacitance
25°C
1.5
pF
LOGIC INPUTS
PDWN, STBY, SCLK, SDIO, ADDRx
Logic 1 Voltage
1.2
DRVDD + 0.3
V
Logic 0 Voltage
0.3
V
Input Resistance3
25°C
30 (26 for SDIO)
kΩ
Input Capacitance3
25°C
2 (5 for SDIO)
pF
CSB
Logic 1 Voltage
1.2
DRVDD + 0.3
V
Logic 0 Voltage
0.3
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
LOGIC OUTPUTS
SDIO4
Logic 1 Voltage (IOH = 800 μA)
1.79
V
Logic 0 Voltage (IOL = 50 μA)
0.05
V
GPO0/GPO1/GPO2/GPO3
Logic 0 Voltage (IOL = 50 μA)
0.05
V
DIGITAL OUTPUTS (DOUTx+, DOUTx−)
ANSI-644
Logic Compliance
LVDS
Differential Output Voltage (VOD)
247
454
mV
Output Offset Voltage (VOS)
1.125
1.375
V
Output Coding (Default)
Offset binary
Low Power, Reduced Signal Option
Logic Compliance
LVDS
Differential Output Voltage (VOD)
150
250
mV
Output Offset Voltage (VOS)
1.10
1.30
V
Output Coding (Default)
Offset binary
1 For a complete set of definitions and information about how these tests were completed, see the AN-835 Application Note, Understanding High Speed ADC Testing and
Evaluation.
2 Specified for LVDS and LVPECL only.
3 The typical input resistance and input capacitance values deviate for SDIO; these deviations are noted in the Typ column.
4 Specified for 13 SDIO pins sharing the same connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com