Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices AD9670EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 44 of 52
Addr.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x00D
TEST_IO
User test
mode
0 = con-
tinuous,
repeat user
patterns
(1, 2, 3, 4,
1, 2, 3, 4 …)
(default)
1 = single
clock cycle
user pat-
terns, then
zeros (1, 2,
3, 4, 0, 0 …)
X
Reset PN
long gen-
eration
0 = on,
PN long
running
(default)
1 = off,
PN long
held in
reset
Reset PN
short gen-
eration
0 = on,
PN short
running
(default)
1 = off,
PN short
held in
reset
Output test mode
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN sequence long
0110 = PN sequence short
0111 = one-/zero-word toggle
1000 = user input
1001:1110 = reserved
1111 = ramp output
0x00
When this register
is set, the test data
is placed on the
output pins in
place of normal
data (local).
0x00E
GPO
X
X
X
X
General-purpose digital outputs
0x00
Values placed on
the GPO0 to
GPO3 pins (global).
0x00F
FLEX_CHANNEL_
INPUT
Filter cutoff frequency control
0 0000 = 1.45 × (1/3) × fSAMPLE
0 0001 = 1.25 × (1/3) × fSAMPLE
0 0010 = 1.13 × (1/3) × fSAMPLE
0 0011 = 1.0 × (1/3) × fSAMPLE (default)
0 0100 = 0.9 × (1/3) × fSAMPLE
0 0101 = 0.8 × (1/3) × fSAMPLE
0 0110 = 0.75 × (1/3) × fSAMPLE
0 0111 = reserved
0 1000 = 1.45 × (1/4.5) × fSAMPLE
0 1001 = 1.25 × (1/4.5) × fSAMPLE
0 1010 = 1.13 × (1/4.5) × fSAMPLE
0 1011 = 1.0 × (1/4.5) × fSAMPLE
0 1100 = 0.9 × (1/4.5) × fSAMPLE
0 1101 = 0.8 × (1/4.5) × fSAMPLE
0 1110 = 0.75 × (1/4.5) × fSAMPLE
0 1111 = reserved
1 0000 = 1.45 × (1/6) × fSAMPLE
1 0001 = 1.25 × (1/6) × fSAMPLE
1 0010 = 1.13 × (1/6) × fSAMPLE
1 0011 = 1.0 × (1/6) × fSAMPLE
1 0100 = 0.9 × (1/6) × fSAMPLE
1 0101 = 0.8 × (1/6) × fSAMPLE
1 0110 = 0.75 × (1/6) × fSAMPLE
1 0111 = reserved
BW mode
0 = low
(default,
8 MHz to
18 MHz)
1 = high
(13.5 MHz
to 30 MHz)
X
X
0x18
Antialiasing filter
cutoff (global).
0x010
FLEX_OFFSET
X
X
1
0
0
0
0
0
0x20
Reserved.
0x011
FLEX_GAIN
Digital VGA gain control
0000 = GAIN± pins enabled (default)
0001 = 0.0 dB (maximum gain, GAIN± pins disabled)
0010 = −3.5 dB
0011 = −7.0 dB
…
1110 = −45.5 dB
1111 = −45.5 dB
PGA gain
00 = 21 dB
01 = 24 dB (default)
10 = 27 dB
11 = 30 dB
LNA gain
00 = 15.6 dB
01 = 17.9 dB
10 = 21.6 dB
(default)
0x06
LNA and PGA gain
adjustment (global).
0x012
BIAS_CURRENT
X
X
X
X
1
PGA bias
0 =100%
(default)
1 = 60%
LNA bias
00 = high
01 = midhigh (default)
10 = midlow
11 = low
0x09
LNA bias current
adjustment (global).
0x013
RESERVED_13
0
0
0
0
0
0
0
0
0x00
Reserved.
0x014
OUTPUT_MODE
X
X
X
Output
data
enable
0 = enable
(default)
1 =
disable
X
Output
data invert
0 = disable
(default)
1 = enable
Output data format
00 = offset binary
01 = twos complement
(default)
10 = gray code
11 = reserved
0x01
Data output
modes (local).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com