Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices AD9670EBZ Datasheet HTML 49Page - Analog Devices AD9670EBZ Datasheet HTML 50Page - Analog Devices AD9670EBZ Datasheet HTML 51Page - Analog Devices AD9670EBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 47 of 52
Addr.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x109
VGA_TEST
X
X
X
VGA/ anti-
aliasing
filter test
mode
enable
0 = off
(default)
1 = on
X
VGA/ antialiasing filter output test mode
000 = Channel A (default)
001 = Channel B
010 = Channel C
011 = Channel D
100 = Channel E
101 = Channel F
110 = Channel G
111 = Channel H
0x00
VGA/ antialiasing
filter test mode
enables antialiasing
filter output to the
GPO2 and GPO3
pins (global).
0x10C
PROFILE_INDEX
X
X
Manual
TX_TRIG
0 = off,
use pin
(default)
1 = on,
auto-
generate
TX_TRIG
(self clears)
Profile Index[4:0]
0x00
Index for profile
memory selects
active profile
(global).
0x10D
RESERVED_10D
1
1
1
1
1
1
1
1
0xFF
Reserved.
0x10E
RESERVED_10E
1
1
1
1
1
1
1
1
0xFF
Reserved.
0x10F
DIG_OFFSET_CAL
0
0
0
0
Digital
offset
calibration
status
0 = not
complete
(default)
1 =
complete
Digital offset calibration
000 = disable correction, reset
correction value (default)
001 = average 210 samples
010 = average 211 samples
…
111 = average 216 samples
Controls digital
offset calibration
enable and the
number of samples
used (global).
0x110
DIG_OFFSET_
CORR1
D7
D6
D5
D4
D3
D2
D1
D0
0x00
Offset correction
LSB (local, chip).
0x111
DIG_OFFSET_
CORR2
D15
D14
D13
D12
D11
D10
D9
D8
0x00
Offset correction
MSB (local, chip).
Digital offset calibration (read back if auto calibration is enabled with Register 0x10F; otherwise,
force correction value
Offset correction = [D15:D0] × AFULL SCALE/216
0111 1111 1111 1111 (215 − 1) = +1/2 × AFULL SCALE − 1/216 × AFULL SCALE
0111 1111 1111 1110 (215 − 2) = +1/2 × AFULL SCALE − 2/216 × AFULL SCALE
…
0000 0000 0000 0001 (+1) = 1/216 × AFULL SCALE
0000 0000 0000 0000 = no correction (default)
1111 1111 1111 1111 (−1) = −1/216 × AFULL SCALE
…
1000 0000 0000 0000 (−215) = −1/2 full scale
0x112
POWER_MASK_
CONFIG
X
X
X
Power up set-up time (POWER_SETUP)
0 0000 = 0
0 0001 = 1 × 40/fSAMPLE
0 0010 = 2 × 40/fSAMPLE (default)
0 0011 = 3 × 40/fSAMPLE
…
1 1111 = 31 × 40/fSAMPLE
0x02
Power setup time
is used to set the
power-up time
(global).
0x113
DIG_DEMOD_
CONFIG
X
X
Digital
high-pass
filter
0 = enable
(default)
1 = bypass
Decimator
gain scale
0 = no
gain
(default)
1 = 4×
gain (shift
decimator
output by
2)
Decimator and filter
enable
00 = RF 2× decimator
bypassed (default)
01 = RF 2× decimator
enabled and low band
filter
1X = RF 2× decimator
enabled and high band
filter
Baseband
decimator
0 = enable
(default)
1 = bypass
Demod-
ulator
0 = enable
(default)
1 = bypass
0x00
Enable stages of
the digital
processing
(global).
0x115
CHIP_ADDR_EN
X
X
Chip
address
mode
0 = disable
(default)
1 = enable
Chip address qualifier
0 0000 (default)
(If read, returns the state of ADDR0 to ADDR4 pins)
0x00
Chip address
mode enables the
addressing of
devices if the value
of the chip address
qualifier equals the
state on the ADDR0
to ADDR4 pins
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com