Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 4 Page - NXP Semiconductors

  LM75ADP Datasheet HTML 1Page - NXP Semiconductors LM75ADP Datasheet HTML 2Page - NXP Semiconductors LM75ADP Datasheet HTML 3Page - NXP Semiconductors LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
4
TYPICAL APPLICATION
8
2
SCL
1
SDA
3
LM75A
OS
5
A2
6
A1
7
A0
4
GND
I2C-BUS
VCC POWER SUPPLY
BUS
PULL-UP
RESISTORS
DIGITAL LOGIC
0.1
µF
10 k
Ω
VCC
DETECTOR OR
INTERRUPT LINE
SL01390
10 k
Ω
10 k
Ω
Figure 3. Typical application.
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
–0.3
6.0
V
Voltage at input pins
–0.3
6.0
V
Current at input pins
–5.0
5.0
mA
OS output sink current
–
10.0
mA
OS output voltage
–0.3
6.0
V
ESD
Human Body Model
–
2000
V
Machine Model
–
200
V
Tstg
Storage temperature range
–65
150
°C
Tj
Junction temperature
–
150
°C
NOTE:
1. This is a stress rating only. Functional operation of the device as indicated in the operational section is not applied to this absolute maximum
rating. Stresses above those listed in ‘Absolute Maximum Ratings’ may cause permanent damage to the device and exposure to any of
these rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
2.8
5.5
V
Tamb
Operating ambient temperature range
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com