Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LM75ADP Datasheet HTML 2Page - NXP Semiconductors LM75ADP Datasheet HTML 3Page - NXP Semiconductors LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors LM75ADP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
6
I2C INTERFACE AC CHARACTERISTICS 1
VCC = 2.8 V to 5.5 V, Tamb = –55 °C to +125 °C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tCLK
SCL clock period
See timing diagram (Figure 4)
2.5
–
–
µs
tHIGH
SCL HIGH pulse width
0.6
–
–
µs
tLOW
SCL LOW pulse width
1.3
–
–
µs
tHD:STA
Start Hold time
100
–
–
ns
tSU:DAT
Data set–up time
100
–
–
ns
tHD;DAT
Data hold time
0
–
–
ns
tSU;STO
Stop set-up time
100
–
–
ns
tF
Fall time (SDA and OS outputs)
CL = 400 pF; IOL = 3 mA
–
250
–
ns
NOTE:
1. These specifications are guaranteed by design and not tested in production.
SL01391
SCL
SDA
tCLK
tHIGH
tLOW
tSU;STO
tHD;DAT
tSU;DAT
tHD;STA
Figure 4. Timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com