Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors LM75ADP Datasheet HTML 10Page - NXP Semiconductors LM75ADP Datasheet HTML 11Page - NXP Semiconductors LM75ADP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
8
I2C serial interface
The LM75A can be connected to a compatible 2-wire serial interface
I2C-bus as a slave device under the control of a controller or master
device, using two device terminals, SCL and SDA. The controller
must provide the SCL clock signal and write/read data to/from the
device through the SDA terminal. Notice that if the I2C common
pull-up resistors have not been installed as required for I2C-bus,
then an external pull-up resistor, about 10 k
Ω, is needed for each of
these two terminals. The bus communication protocols are
described in the data communication section.
Slave address
The LM75A slave address on the I2C-bus is partially defined by the
logic applied to the device address pins A2, A1 and A0. Each of
them is typically connected either to GND for logic 0, or to VCC for
logic 1. These pins represent the three LSB bits of the device 7-bit
address. The other four MSB bits of the address data are preset to
‘1001’ by hard wiring inside the LM75A. Table 1 shows the device’s
complete address and indicates that up to 8 devices can be
connected to the same bus without address conflict. Because the
input pins, SCL, SDA, A2–A0, are not internally biased, it is
important that they should not be left floating in any application.
Table 1. Address table
1 = HIGH, 0 = LOW
MSB
LSB
1
0
0
1
A2
A1
A0
Register list
The LM75A contains four data registers beside the pointer register
as listed in Table 2. The pointer value, read/write capability and
default content at power up of the registers are also shown in the
Register table.
Table 2. Register table
Register name
Pointer value
R/W
POR state
Description
Conf
01H
R/W
00H
Configuration Register.
Contains a single 8-bit data byte. To set the device operating condition.
Default = 0.
Temp
00H
Read only
N/A
Temperature Register.
Contains two 8-bit data bytes. To store the measured Temp data.
Tos
03H
R/W
50 00H
Over-temp Shutdown threshold Register.
Contains two 8-bit data bytes. To store the over-temp shut-down Tos limit.
Default = 80
°C.
Thyst
02H
R/W
4B 00H
Hysteresis Register.
Contains two 8-bit data bytes. To store the hysteresis Thyst limit.
Default = 75
°C.
Pointer register
The pointer register contains an 8-bit data byte of which the two
LSB bits represent the pointer value of the other four registers, and
the other 6 MSB bits are equal to 0, as shown in the Pointer register
table (Table 3) and the Pointer value table (Table 4). The pointer
register is not accessible to the user, but is used to select the data
register for write/read operation by including the pointer data byte in
the bus command.
Table 3. Pointer register table
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
Pointer value
Table 4. Pointer value
B1
B0
Selected register
0
0
Temperature register (Temp)
0
1
Configuration register (Conf)
1
0
Hysteresis register (Thyst)
1
1
Overtemp shut-down register (Tos)
Because the Pointer value is latched into the Pointer register when
the bus command, which includes the pointer byte, is executed, a
read from the LM75A may or may not include the pointer byte in the
statement. To read again a register, which has been recently read
and the pointer has been preset, the pointer byte does not have to
be included. To read a register, which is different with the one that
has been recently read, the pointer byte must be included. However,
a write to the LM75A must always include the pointer byte in the
statement. The bus communication protocols are described in detail
in the data communication section.
At power-up, the Pointer value is equal to 0 and the Temp register is
selected; users can then read the Temp data without specifying the
pointer byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com