Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 3 Page - NXP Semiconductors

  LM75ADP Datasheet HTML 1Page - NXP Semiconductors LM75ADP Datasheet HTML 2Page - NXP Semiconductors LM75ADP Datasheet HTML 3Page - NXP Semiconductors LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
3
PINNING
Pin configuration
1
2
3
45
6
7
8
SDA
SCL
OS
GND
VCC
A0
A1
A2
SL01388
Figure 1. SO8 and TSSOP8 pin configurations.
Pin description
PIN
SYMBOL
DESCRIPTION
1
SDA
Digital I/O. I2C serial bi-directional data line.
Open Drain.
2
SCL
Digital input. I2C serial clock input.
3
OS
Overtemp Shutdown output. Open Drain.
4
GND
Ground. To be connected to the system
ground.
5
A2
Digital input. User-defined address bit2.
6
A1
Digital input. User-defined address bit1.
7
A0
Digital input. User-defined address bit0.
8
VCC
Power supply.
SIMPLIFIED BLOCK DIAGRAM
OS
A2
A1
A0
SCL
GND
BIAS
REFERENCE
OSC
POWER–ON
RESET
CONFIGURATION
REGISTER
SDA
11–BIT
SIGMA–DELTA
A–TO–D
CONVERTER
POINTER
REGISTER
COUNTER
TIMER
COMPARATOR
/ INTERRUPT
TEMPERATURE
REGISTER
TOS
REGISTER
THYST
REGISTER
LOGIC CONTROL AND INTERFACE
BAND–GAP
TEMP
SENSOR
VCC
SL01389
LM75A
Figure 2. Simplified block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com