Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 5 Page - NXP Semiconductors

  LM75ADP Datasheet HTML 1Page - NXP Semiconductors LM75ADP Datasheet HTML 2Page - NXP Semiconductors LM75ADP Datasheet HTML 3Page - NXP Semiconductors LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
5
DC ELECTRICAL CHARACTERISTICS
VCC = 2.8 V to 5.5 V, Tamb = –55 °C to +125 °C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.1
MAX.
UNIT
TACC
Temperature accuracy
Tamb = –25 °C to +100 °C
–2
–
+2
°C
Tamb = –55 °C to +125 °C
–3
–
+3
°C
TRES
Temperature resolution
11-bit digital temp data
–
0.125
–
°C
TCON
Temperature conversion
Normal mode
–
100
–
ms
IDD
Supply quiescent current
Normal mode: I2C inactive
–
100
–
µA
Normal mode: I2C active
–
–
1.0
mA
Shut–down mode
–
3.5
–
µA
VIH
HIGH-level input voltage
Digital pins (SCL, SDA, A2–A0)
0.7
× VCC
–
VCC + 0.3
V
VIL
LOW-level input voltage
Digital pins
–0.3
–
0.3
× VCC
V
VIHYS
Input voltage hysteresis
SCL and SDA pins
–
300
–
mV
A2–A0 pins
–
150
–
mV
IIH
HIGH–level input current
Digital pins; VIN = VCC
–1.0
–
1.0
µA
IIL
LOW-level input current
Digital pins; VIN = 0 V
–1.0
–
1.0
µA
VOL
LOW-level output voltage
SDA and OS pins; IOL = 3 mA
–
–
0.4
V
IOL = 4 mA
–
–
0.8
V
ILO
Output leakage current
SDA and OS pins; VOH = VCC
–
–
10
µA
OSQ
OS fault queue
Programmable
1
–
6
Conv 2
Tos
Overtemp shutdown
Default value
–
80
–
°C
Thyst
Hysteresis
Default value
–
75
–
°C
CIN
Input capacitance
Digital pins
–
20
–
pF
NOTE:
1. Typical values are at VCC = 3.3 V and Tamb = 25 °C.
2. Conv: device A-to-D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com