| Electronic Components Datasheet Search |
|
SC14CVMDECT-SF Datasheet(PDF) 46 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14CVMDECT-SF Datasheet(HTML) 46 Page - Dialog Semiconductor |
|
46 / 57 page ![]() Datasheet Revision 3.0 28-Jul-2015 CFR0011-120-00-FM Rev 5 46 of 57 © 2013 Dialog Semiconductor SC14CVMDECT SF Cordless Voice Module FINAL 8.0 Design guidelines This section describes the software and hardware con- siderations to be taken into account when designing the target application. The SC14CVMDECT SF can be used standalone or next to an MCU that controls the module. In case the module is used standalone the application will be stored in its on-board Flash. In total 324 kB of Flash is available for this purpose. Applications can be developed with the Athena soft- ware development environment (see reference [3]). 8.1 APPLICATION SOFTWARE FOR PP In a PP application the following software tasks must be handled by the MCU or within the module itself: • UART communication (external microprocessor only) • PP MMI • Display interface (optional) • Keyboard interface (optional) • Battery Charge interface (optional) • Audio handling • Tone / Melodies handling For control commands see document reference [2]. UART communication The UART communication is the main control interface of the SC14CVMDECT SF. PP MMI The MMI state machine must handle the call setup and call termination on the PP. Display Interface The MCU / PP handles the display interface including the display driver. Keyboard Interface The MCU/ PP handles the keyboard interface including the keyboard driver. Audio handling The Application Software state machine must control when to open and close the audio. The headset plug-in detection must handled by the host, and a status is send to the PP MMI from the PP stack software. The PP MMI must handle the volume control. Headset detection boundaries can be adjusted in VES. When headset indication is received from the PP Headset detection logic, the Application Software can decide if audio should be switched to the headset and sends a request to the PP stack software. The PP audio handling basically consists of 4 audio modes (see Figure 14): 1. Idle (Alert) mode 2. Earpiece mode 3. Handsfree mode (Speakerphone) 4. Headset mode Shifting between modes is done through the API. Tone handling The Application Software state machine must control when to play tones and the volume setting. Custom melodies can be defined in the VES. 8.2 APPLICATION SOFTWARE FOR FP In an FP application the following software tasks must be handled by the MCU or within the module itself: • UART communication (external microprocessor only) •FP MMI • Display interface (optional) • Keyboard interface (optional) • Audio handling • Tone / Melodies handling For control commands see document reference [1]. UART communication The UART communication forms the basic of the FP operation because via this interface the SC14CVMDECT SF is controlled. FP MMI The MMI state machine must handle the call setup and call termination on the FP. Display interface The MCU/ FP handles the display interface including the display driver. Keyboard interface The MCU/ FP handles the keyboard interface including the keyboard driver. Audio handling The Application Software state machine must control when to open and close the audio. The FP MMI must handle the volume control. Tone handling The Application Software state machine must control when to play tones and the volume setting. Custom melodies can be defined in VES. 8.3 HARDWARE DESIGN GUIDELINES Within this section general design guidelines for SC14CVMDECT SF FP and PP applications are given. 8.3.1 Circuit design guidelines For a reference schematic refer to the SC14CVMDECT SF reference kit. With the reference kit package a non- cost optimised reference design is presented. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |