Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT-SF Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # SC14CVMDECT-SF
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT-SF Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button SC14CVMDECT-SF Datasheet HTML 19Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 20Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
23 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.12.4 Start position of FSC
The PCM interface supports the following options:
• The FSC pulse starts 1 data bit before
the MSB bit of the PCM channel 0 data.
• The FSC pulse starts at the same time as
the MSB bit of the PCM channel 0 data.
4.12.5 PCM clock frequency
The PCM interface supports the following options in
master mode:
• 1.152 MHz
• 2.304 MHz
• 4.608 MHz
• 1.536 MHz
4.12.6 PCM data mode
The PCM interface supports the following PCM data
formats:
• Linear PCM, 8 kHz sample rate.
Used for narrowband calls (G.726).
• Linear PCM, 16 kHz sample rate.
Used for wideband calls (G.722).
• G.711 – A-law, 8 kHz sample rate.
Used for narrowband calls (G.726).
•G.711 –
-law, 8 kHz sample rate.
Used for narrowband calls (G.726).
• Compressed wideband using A-law, 16 kHz sample
rate. The 16 bit PCM data is encoded as two 8 bit
audio samples if 8 kHz frame sync is used. Used for
wideband calls (G.722).
• Compressed wideband using
-law, 16 kHz sample
rate. The 16 bit PCM data is encoded as two 8 bit
audio samples if 8 kHz frame sync is used. Used for
wideband calls (G.722).
Figure 21: PCM interface formats
Channel 3
Channel 3
Channel 2
Channel 2
Channel 1
Channel 1
Channel 0
Channel 0
DSP_PCM_CTRL_REG[5,4,3] = 000
DSP_PCM_CTRL_REG[5,4,3] = 010
DSP_PCM_CTRL_REG[5,4,3] = 100
DSP_PCM_CTRL_REG[5,4,3] = 101
DSP_PCM_CTRL_REG[5,4,3] = 111
DSP_PCM_CTRL_REG[5]=0
DSP_PCM_CTRL_REG[5]=1
PCM Slave mode
D15
D8 D7
D0
PCM Master
DSP_PCM_CTRL_REG[5,4,3] = 001
DSP_PCM_CTRL_REG[5,4,3] = 011
DSP_PCM_CTRL_REG[5,4,3] = 110
PCM_CLK
PCM_CLK
PCM_DI PCM_DO
PCM_FSC (input)
PCM_FSC (input)
PCM_FSC
PCM_FSC
PCM_FSC
PCM_FSC
PCM_FSC
PCM_FSC
PCM_FSC
PCM_FSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com